Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U3JB

  • AI
    The **U3JB** is a specific marking code (SOT-23 package) typically representing a **Zener Diode** or a **Voltage Regulator** depending on the manufacturer, but most commonly it refers to the **BZX84C22** or a similar series Zener diode. Below is a breakdown of the electronic specifications and characteristics associated with parts bearing this marking. --- ### 1. General Specifications The U3JB code is frequently associated with the **BZX84-C22** Zener diode in a SOT-23 surface-mount package. | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Zener Diode | | **Zener Voltage ($V_z$)** | 22V | | **Power Dissipation ($P_d$)** | 250mW - 350mW | | **Tolerance** | ±5% (C-series) | | **Package Type** | SOT-23 (Small Outline Transistor) | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Pinout Configuration The U3JB (SOT-23) is a 3-pin device, though as a diode, one pin is typically "No Connect" (NC) or the device contains two diodes in different configurations. | Pin Number | Configuration (Common Anode/Single) | | :--- | :--- | | **Pin 1** | Anode | | **Pin 2** | Not Connected (NC) | | **Pin 3** | Cathode | --- ### 3. Key Functions in a Circuit Devices like the U3JB are used for the following electronic purposes: * **Voltage Regulation:** Maintaining a fixed 22V output across a load despite fluctuations in input voltage. * **Overvoltage Protection:** Clamping voltage spikes to 22V to protect sensitive downstream components (like MCUs or ICs). * **Voltage Referencing:** Providing a stable reference point for analog-to-digital converters or operational amplifiers. --- ### 4. Technical Alternatives If you are looking for a replacement or equivalent for a U3JB marked component, consider these industry standards: | Part Number | Manufacturer | Package | | :--- | :--- | :--- | | **BZX84C22** | ON Semi / Nexperia | SOT-23 | | **BZX84-C22** | Vishay | SOT-23 | | **MMBZ5251B** | Various | SOT-23 | --- ### 5. Identification Tip > **Note:** Marking codes can vary by manufacturer. Always verify the PCB silkscreen (e.g., "ZD1" for Zener Diode) and measure the component with a multimeter in Diode Test mode to confirm its behavior before replacing it.
    ✨ Follow-up Questions
    • ⤷ How do I test a U3JB Zener diode using a multimeter?
    • ⤷ What is the difference between the BZX84C22 and BZX84B22 variants?
    • ⤷ Can I use a higher wattage Zener diode as a replacement?