Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U60-R

  • AI
    The **U60-R** typically refers to a high-performance **Brushless DC (BLDC) Motor Driver/ESC (Electronic Speed Controller)** commonly used in industrial drones, heavy-lift multirotors, and robotics. It is designed to work in tandem with high-torque motors like the U6 or U8 series. --- ## 1. Core Electronic Components The U60-R is a complex Power Electronics assembly. Below are the primary internal sections: | Component Category | Description | Key Function | |:---|:---|:---| | **MOSFETs** | Metal-Oxide-Semiconductor Field-Effect Transistors | High-speed switches that control the power flow to the motor phases. | | **MCU** | Microcontroller Unit (often ARM-based) | The "brain" that processes throttle signals and executes commutation logic. | | **Gate Drivers** | High-voltage ICs | Acts as the interface between the MCU and the MOSFETs to ensure clean switching. | | **Capacitors** | Low ESR Electrolytic Capacitors | Filters voltage spikes and stabilizes the DC bus during high-current bursts. | | **Shunt Resistors** | Precision Current Sensors | Measures real-time current draw for Over-Current Protection (OCP). | --- ## 2. Technical Specifications Most U60-R variants (like those from manufacturers like T-Motor) follow these electronic parameters: * **Voltage Range:** 6S to 12S LiPo (Approx. 22.2V - 50.4V). * **Continuous Current:** 60A (standard cooling). * **Peak Current:** 80A (typically for 10 seconds). * **Signal Frequency:** 50Hz to 500Hz (standard PWM) or OneShot/DShot compatibility. * **Protection Circuitry:** Thermal throttling, stall protection, and low-voltage cutoff. --- ## 3. Connectivity and Wiring The electronic interface of the U60-R involves three distinct wiring groups: ### A. Power Input (DC) * **Red (V+):** Positive terminal from the battery. * **Black (GND):** Negative terminal. ### B. Phase Output (AC-like) * **Three Thick Wires:** Connected to the BLDC motor. The ESC alternates the polarity across these wires to create a rotating magnetic field. ### C. Signal Interface * **PWM/S-Bus/CAN:** Depending on the specific "R" version (often stands for RS485 or CAN-bus capability), it receives the throttle command from the Flight Controller. * **Telemetry:** Sends data (RPM, Temp, Voltage) back to the controller. --- ## 4. Key Electronic Features (The "R" Designator) The "R" in U60-R often signifies **Ruggedized** or **Redundant** features suitable for industrial use: 1. **FOC (Field Oriented Control):** Unlike basic square-wave ESCs, the U60-R uses sine-wave drive (FOC). This results in higher efficiency, less noise, and cooler operating temperatures. 2. **Active Braking (Damped Light):** Allows the motor to decelerate rapidly by electronically shorting phases, providing much sharper control. 3. **Galvanic Isolation:** High-end versions include optoisolators on the signal line to prevent high-voltage noise from damaging the Flight Controller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FOC and square-wave driving in the U60-R?
    • ⤷ Which flight controllers are most compatible with the U60-R CAN-bus protocol?
    • ⤷ How do I troubleshoot a 'Stall Protection' error on this ESC?