Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74ACT32G-P14-R

  • AI
    The **U74ACT32G-P14-R** is a high-speed CMOS logic integrated circuit. Specifically, it is a **Quadruple 2-Input OR Gate**. This component is part of the "74ACT" family, which features TTL-compatible inputs and high-speed performance. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Logic Type** | OR Gate | | **Number of Circuits** | 4 (Quad) | | **Number of Inputs** | 2 per gate | | **Technology** | Advanced CMOS (ACT) | | **Input Compatibility** | TTL-Compatible | | **Package Type** | TSSOP-14 (G-P14-R suffix) | --- ### 2. Logic Function The device performs the Boolean function **$Y = A + B$**. In an OR gate, the output is `HIGH` if at least one of the inputs is `HIGH`. **Truth Table (Per Gate):** | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | L | | L | H | H | | H | L | H | | H | H | H | --- ### 3. Electrical Characteristics * **Operating Voltage ($V_{CC}$):** Typically 4.5V to 5.5V. * **High-Speed Performance:** Very low propagation delay (usually around 5ns - 9ns). * **Low Power Consumption:** Uses CMOS technology to ensure minimal static power draw. * **Output Drive:** Capable of sourcing or sinking approximately 24mA, making it suitable for driving transmission lines or multiple logic loads. * **Noise Immunity:** Designed with high noise margins characteristic of ACT series logic. --- ### 4. Pin Configuration (TSSOP-14) The standard 14-pin layout for a quadruple 2-input gate is as follows: 1. **1A** (Input) 2. **1B** (Input) 3. **1Y** (Output) 4. **2A** (Input) 5. **2B** (Input) 6. **2Y** (Output) 7. **GND** (Ground) 8. **3Y** (Output) 9. **3A** (Input) 10. **3B** (Input) 11. **4Y** (Output) 12. **4A** (Input) 13. **4B** (Input) 14. **Vcc** (Power Supply) --- ### 5. Application Areas * **Signal Gating:** Combining signals where any active input triggers a response. * **Glue Logic:** Interfacing between different digital subsystems (especially TTL and CMOS). * **Pulse Shaping:** Used in timing circuits to extend or combine pulses. * **Industrial Control:** General-purpose logic processing in automation hardware.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 74ACT32 and the 74HC32 series?
    • ⤷ Can this IC operate at 3.3V logic levels?
    • ⤷ What does the 'G' and 'R' represent in the UTC part numbering?