Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74HCT640L-R20-R

  • AI
    The **U74HCT640L-R20-R** is an integrated circuit (IC) belonging to the 74HCT high-speed CMOS logic family. It is specifically an **Octal Bus Transceiver** with 3-state (TRI-STATE) outputs and an inverting data path. --- ### 1. General Specifications | Parameter | Value / Description | | :--- | :--- | | **Logic Family** | 74HCT (High-Speed CMOS with TTL-compatible inputs) | | **Function** | Octal Bus Transceiver (Inverting) | | **Number of Channels** | 8 Bits | | **Output Type** | 3-State (High, Low, High-Impedance) | | **Package Type** | TSSOP-20 (indicated by the R20 suffix) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Description The U74HCT640 is designed for asynchronous two-way communication between data buses. * **Direction Control (DIR):** Determines the direction of data flow (A to B or B to A). * **Output Enable ($\overline{OE}$):** When low, data is transmitted. When high, the device enters a high-impedance state, effectively disconnecting from the bus. * **Inverting Logic:** Unlike the 74HCT245 (which is non-inverting), the 640 series **inverts** the logic levels during transmission (a logic '1' input becomes a logic '0' output). --- ### 3. Key Technical Characteristics | Feature | Details | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | Typically 4.5V to 5.5V | | **Input Logic Levels** | TTL Compatible (Low $\leq$ 0.8V, High $\geq$ 2.0V) | | **Low Power Consumption** | Typical of CMOS technology | | **Current Drive** | High current output capability for driving bus lines | | **Propagation Delay** | Optimized for high-speed performance (approx. 10-20ns) | --- ### 4. Pin Configuration Summary (20-Pin) | Pin(s) | Function | | :--- | :--- | | **DIR** | Direction Control Input | | **A1 - A8** | Data Inputs / Outputs (Side A) | | **B1 - B8** | Data Inputs / Outputs (Side B) | | **$\overline{OE}$** | Output Enable (Active Low) | | **GND** | Ground (0V) | | **$V_{CC}$** | Positive Supply Voltage | --- ### 5. Common Applications * **Microprocessor Interfacing:** Connecting 8-bit CPUs to memory or peripherals. * **Signal Buffering:** Strengthening weak signals to drive long bus lines or multiple loads. * **Voltage Translation:** Interfacing between different logic families where TTL compatibility is required. * **Bus Isolation:** Using the 3-state mode to prevent bus contention in complex systems.
    ✨ Follow-up Questions
    • ⤷ How does the inverting logic of the 640 compare to the 245 non-inverting transceiver in a practical circuit?
    • ⤷ What are the specific thermal and voltage tolerances for the TSSOP-20 package version?
    • ⤷ Can this IC be used to interface 3.3V logic with 5V logic systems?