Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC00AG-P14-R

  • AI
    ## Technical Overview: U74LVC00AG-P14-R The **U74LVC00AG-P14-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It belongs to the **74LVC family**, which is a high-performance, low-voltage CMOS logic series widely used in modern digital electronics. --- ### 1. General Specifications This part is a **Quadruple 2-Input Positive-NAND Gate**. It contains four independent gates, each performing the Boolean function $Y = \overline{A \cdot B}$. | Parameter | Details | | :--- | :--- | | **Logic Family** | LVC (Low-Voltage CMOS) | | **Logic Type** | NAND Gate | | **Number of Circuits** | 4 | | **Number of Inputs** | 2 per gate | | **Package Type** | TSSOP-14 | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Features and Performance The "LVC" designation indicates that this part is optimized for low-power, high-speed applications. * **Voltage Range:** Operates typically from **1.2V to 3.6V**, making it ideal for battery-powered devices. * **5V Tolerance:** The inputs are 5V tolerant, meaning they can interface with 5V logic even when the chip is powered at 3.3V (excellent for level shifting). * **High Drive Capability:** It can provide up to ±24mA of output current at 3.0V. * **Low Power Consumption:** Very low static power dissipation (typically $I_{CC} < 10\mu A$). * **Speed:** Very low propagation delay (typically around 4.0ns at 3.3V). --- ### 3. Pin Configuration (TSSOP-14) The P14 suffix refers to the 14-pin TSSOP package. The pinout follows the industry standard for 7400 series NAND gates: | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1, 2 | 1A, 1B | Inputs for Gate 1 | | 3 | 1Y | Output for Gate 1 | | 4, 5 | 2A, 2B | Inputs for Gate 2 | | 6 | 2Y | Output for Gate 2 | | 7 | GND | Ground (0V) | | 8 | 3Y | Output for Gate 3 | | 9, 10 | 3A, 3B | Inputs for Gate 3 | | 11 | 4Y | Output for Gate 4 | | 12, 13 | 4A, 4B | Inputs for Gate 4 | | 14 | $V_{CC}$ | Supply Voltage | --- ### 4. Part Number Decoding Understanding the UTC nomenclature: * **U:** Unisonic Technologies (Manufacturer). * **74LVC:** Logic Family (Low Voltage CMOS). * **00:** Logic Function (Quad 2-Input NAND). * **AG:** Halogen-free and RoHS compliant. * **P14:** Package Code (TSSOP-14). * **R:** Tape & Reel (Packaging format). --- ### 5. Application Areas * **Signal Gating:** Controlling the flow of digital signals. * **Level Translation:** Interfacing between 5V and 3.3V logic systems. * **Logic Inversion:** By tying both inputs together, a NAND gate functions as a NOT gate. * **Computing & Peripherals:** Used in motherboards, laptops, and networking gear.
    ✨ Follow-up Questions
    • ⤷What is the maximum propagation delay for this IC at 1.8V?
    • ⤷ Can I use the U74LVC00AG to interface a 5V microcontroller with a 3.3V sensor?
    • ⤷ What are the equivalent parts from other manufacturers like TI or Nexperia?