Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC00AG-S14-R

  • AI
    ## Technical Overview of U74LVC00AG-S14-R The **U74LVC00AG-S14-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies)**. It belongs to the LVC (Low-Voltage CMOS) family of logic gates. --- ### 1. Basic Specifications This component is a **Quad 2-Input NAND Gate**. This means it contains four independent gates, each performing the NAND logic function ($Y = \overline{A \cdot B}$). | Feature | Specification | | :--- | :--- | | **Logic Type** | NAND Gate | | **Number of Circuits** | 4 | | **Number of Inputs** | 2 per gate | | **Logic Family** | LVC (Low-Voltage CMOS) | | **Package Type** | SOP-14 (Small Outline Package) | | **RoHS Status** | Halogen-Free / Lead-Free | --- ### 2. Electrical Characteristics The LVC family is designed for high-speed, low-voltage operation, making it ideal for modern battery-powered or energy-efficient electronics. * **Operating Voltage ($V_{CC}$):** Typically 1.65V to 3.6V. * **Input Tolerance:** Inputs are 5V tolerant, allowing the chip to interface between 3.3V systems and 5V logic systems (level shifting). * **Output Current:** High output drive (e.g., $\pm 24mA$ at 3.0V). * **Propagation Delay:** Very fast, typically under 5ns (depending on load and voltage). --- ### 3. Pinout Configuration (SOP-14) The device has 14 pins arranged as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2 | 1A, 1B | Inputs for Gate 1 | | 3 | 1Y | Output for Gate 1 | | 4, 5 | 2A, 2B | Inputs for Gate 2 | | 6 | 2Y | Output for Gate 2 | | 7 | **GND** | Ground (0V) | | 8 | 3Y | Output for Gate 3 | | 9, 10 | 3A, 3B | Inputs for Gate 3 | | 11 | 4Y | Output for Gate 4 | | 12, 13 | 4A, 4B | Inputs for Gate 4 | | 14 | **$V_{CC}$** | Power Supply | --- ### 4. Key Features & Applications #### Key Features: * **Low Power Consumption:** Minimal static power draw. * **Overvoltage Tolerance:** Can handle input signals higher than the supply voltage without damage. * **ESD Protection:** Built-in protection against electrostatic discharge. #### Applications: * **Signal Inversion:** Using a NAND gate as a NOT gate by tying inputs together. * **Logic Level Shifting:** Translating 5V signals down to 3.3V logic levels. * **Digital Logic Control:** General-purpose boolean logic in computing and industrial control systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the U74LVC00AG-S14-R?
    • ⤷ Can this IC be used to interface a 5V sensor with a 3.3V microcontroller?
    • ⤷ What is the difference between the LVC family and the standard HC family of logic gates?