Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC17AL-P14-R

  • AI
    The **U74LVC17AL-P14-R** is a specific integrated circuit produced by Unisonic Technologies (UTC). It belongs to the **LVC** (Low Voltage CMOS) family of logic devices. --- ### ## 1. Part Number Breakdown Understanding the suffix helps identify the exact configuration: | Component | Meaning | | :--- | :--- | | **U74LVC** | Low Voltage CMOS logic family (3.3V optimized) | | **17** | Functional code: **Hex Schmitt-Trigger Buffers** | | **AL** | Lead-free / Halogen-free version | | **P14** | Package type: **TSSOP-14** | | **R** | Packing type: **Tape & Reel** | --- ### ## 2. Core Functional Description The device consists of **six (hex) independent buffers** with Schmitt-trigger inputs. * **Buffering:** It amplifies the signal to ensure it can drive the next stage of a circuit. * **Schmitt-Trigger:** This is the most critical feature. It provides **hysteresis**, meaning it has different threshold levels for rising and falling edges. This is used to "clean up" noisy or slow-rising signals into sharp, square digital pulses. --- ### ## 3. Key Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 1.65V to 3.6V | | **Input Voltage Range** | -0.5V to 5.5V (5V Tolerant) | | **Output Current** | ±24mA (at 3.0V) | | **Operating Temperature** | -40°C to +85°C | | **Propagation Delay** | ~4.0ns (at 3.3V) | --- ### ## 4. Pinout Configuration (TSSOP-14) The device has 14 pins distributed as follows: ```text +---U---+ 1A |1 14| VCC 1Y |2 13| 6A 2A |3 12| 6Y 2Y |4 11| 5A 3A |5 10| 5Y 3Y |6 9| 4A GND |7 8| 4Y +-------+ ``` --- ### ## 5. Common Applications 1. **Signal Conditioning:** Converting a slow or "mushy" analog-like signal into a crisp digital signal. 2. **Debouncing:** Used with physical buttons/switches to prevent multiple false triggers caused by mechanical contact bounce. 3. **Voltage Level Shifting:** Because the inputs are 5V tolerant even when running on 3.3V, it can be used to interface 5V logic down to 3.3V systems. 4. **Oscillators:** Can be used with external resistors and capacitors to create simple RC relaxation oscillators. ---
    ✨ Follow-up Questions
    • ⤷What is the benefit of the '5V tolerance' feature in this chip?
    • ⤷ How does Schmitt-trigger hysteresis differ from a standard logic buffer?
    • ⤷ What are the PCB soldering considerations for the TSSOP-14 package?