Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC1G02G-AF5-R

  • AI
    ## Technical Overview: U74LVC1G02G-AF5-R The **U74LVC1G02G-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **2-input NOR Gate** housed in a small footprint package, commonly used in modern digital electronics for glue logic applications. --- ### 1. General Specifications Below are the primary technical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Logic Type** | NOR Gate | | **Number of Inputs** | 2 | | **Voltage Range ($V_{CC}$)** | 1.65V to 5.5V | | **Output Current** | ±24 mA (at 3.3V) | | **Propagation Delay** | ~2.2 ns (Typical at 3.3V) | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration The device typically follows a standard 5-pin layout for single-gate logic: 1. **Pin 1 (A):** Data Input 1 2. **Pin 2 (B):** Data Input 2 3. **Pin 3 (GND):** Ground 4. **Pin 4 (Y):** Data Output 5. **Pin 5 ($V_{CC}$):** Power Supply --- ### 3. Key Electronic Features * **Low Power Consumption:** Designed for battery-operated devices with very low static power dissipation. * **$I_{off}$ Circuitry:** Supports partial power-down mode operation. When the device is powered down, the outputs are disabled, preventing damaging backflow current into the device. * **Overvoltage Tolerant Inputs:** The inputs can handle up to 5.5V even when the supply voltage ($V_{CC}$) is lower (e.g., 3.3V), making it an excellent candidate for **voltage level translation**. * **High Drive Capability:** Capable of driving balanced loads up to 24mA, ensuring signal integrity across PCB traces. --- ### 4. Logic Functionality The NOR gate follows the truth table where the output is **HIGH (1)** only when both inputs are **LOW (0)**. **Truth Table:** | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | H | | L | H | L | | H | L | L | | H | H | L | --- ### 5. Application Areas * **Mobile Devices:** Cell phones and tablets due to the tiny SOT-25 package. * **Level Shifting:** Translating signals between 1.8V, 2.5V, 3.3V, and 5V systems. * **Signal Gating:** Enabling or disabling a signal path based on logic conditions. * **Industrial Control:** Basic logic processing in embedded systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LVC' and 'ALVC' families in this logic gate?
    • ⤷ Can this part be used for level shifting from 5V logic down to 3.3V?
    • ⤷ What does the 'G-AF5-R' suffix indicate regarding packaging and environmental standards?