Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC1G04G-AF5-R

  • AI
    The **U74LVC1G04G-AF5-R** is a high-performance, low-voltage CMOS inverter (NOT gate). It is a single-gate logic device commonly used in modern electronics for signal conditioning and logic level management. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Value / Specification | | :--- | :--- | | **Logic Type** | Inverter (Single Gate) | | **Supply Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current (Ioh/Iol)** | ±32mA (at 4.5V) | | **Propagation Delay** | ~3.3ns (at 3.3V) | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +125°C | | **Input Type** | Over-voltage tolerant (up to 5.5V regardless of Vcc) | --- ## 2. Key Features * **Low Power Consumption:** Extremely low static power consumption, making it ideal for battery-operated devices. * **Ioff Circuitry:** Supports partial-power-down mode operation. When the device is powered down, the outputs are disabled, preventing current backflow. * **High Drive Capability:** Capable of driving high-speed signals and maintaining signal integrity even with significant loads. * **Voltage Flexibility:** It can interface between different logic levels (e.g., converting a 5V signal down to a 3.3V system). --- ## 3. Pin Configuration In the **AF5 (SOT-25/SOT-23-5)** package, the pinout is typically defined as follows: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | A | Data Input | | 3 | GND | Ground | | 4 | Y | Data Output (Inverted) | | 5 | Vcc | Supply Voltage | --- ## 4. Logic Symbol & Truth Table The device performs the Boolean function $Y = \bar{A}$. ### Truth Table | Input (A) | Output (Y) | | :---: | :---: | | High (H) | Low (L) | | Low (L) | High (H) | --- ## 5. Typical Applications * **Signal Inversion:** Reversing the polarity of a digital signal. * **Pulse Shaping:** Cleaning up slow-rising edges in digital circuits. * **Level Shifting:** Using the over-voltage tolerant inputs to bridge different voltage domains. * **Clock Buffering:** Providing a clean, high-drive version of a clock signal to multiple components.
    ✨ Follow-up Questions
    • ⤷What is the difference between the LVC and LVC1G series in terms of power?
    • ⤷ Can the U74LVC1G04 handle 5V logic inputs when powered at 1.8V?
    • ⤷ What are the common alternatives to the SOT-25 package for this part?