U74LVC1G126-AF5-R
AI

The **U74LVC1G126-AF5-R** is a high-performance, low-voltage CMOS device. It functions as a **single bus buffer gate with a 3-state output**. This specific part is commonly manufactured by UTC (Unisonic Technologies).
---
## 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Function** | Single Buffer/Line Driver (3-State) |
| **Logic Family** | LVC (Low Voltage CMOS) |
| **Supply Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current (Ioh/Iol)** | ±24mA (at 3.0V) |
| **Propagation Delay** | ~3.7ns (at 3.3V) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Pin Configuration (SOT-23-5)
The device typically follows a standard 5-pin layout for single-gate logic:
1. **OE (Pin 1):** Output Enable (Active HIGH). When LOW, the output is in a high-impedance (Hi-Z) state.
2. **A (Pin 2):** Data Input.
3. **GND (Pin 3):** Ground.
4. **Y (Pin 4):** Data Output.
5. **Vcc (Pin 5):** Power Supply.
---
## 3. Logic Functionality
The "126" logic identifies this as a non-inverting buffer where the output is controlled by an **Active High** Output Enable (OE).
### Truth Table
| Input OE | Input A | Output Y |
|:---:|:---:|:---:|
| H | H | H |
| H | L | L |
| L | X | Z (High Impedance) |
* **H** = High Level
* **L** = Low Level
* **X** = Irrelevant
* **Z** = High Impedance (disconnected state)
---
## 4. Key Features & Applications
### Key Features
* **I-off Circuitry:** Supports partial power-down mode operation. It prevents damaging backflow current when the device is powered down.
* **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic systems.
* **High Drive Capability:** Can drive long PCB traces or multiple loads due to the 24mA output current.
### Common Applications
* **Bus Isolation:** Separating different sections of a data bus to prevent loading.
* **Signal Buffering:** Strengthening a weak signal to drive more components.
* **Voltage Translation:** Can be used to interface between different logic levels (e.g., 3.3V to 5V) depending on Vcc.
---
- ⤷
What are the differences between the 1G126 and the 1G125 models?
- ⤷ How does the 'I-off' feature protect the circuit during power-down?
- ⤷ What is the specific meaning of the '-R' suffix in the part number?