Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC1G66G-AF5-R

  • AI
    ## Overview of U74LVC1G66G-AF5-R The **U74LVC1G66G-AF5-R** is a high-performance, low-voltage CMOS single-pole/single-throw (SPST) **analog switch**. It is designed to handle both digital and analog signals with low "ON" resistance and high speed. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | LVC (Low Voltage CMOS) | | **Switch Type** | SPST (Single Pole Single Throw) | | **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **ON Resistance ($R_{on}$)** | ~10 $\Omega$ (Typical at 4.5V) | | **Propagation Delay** | Max 0.8ns at 5V | | **Package Type** | SOT-25 / SOT-23-5 | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Pin Configuration (AF5 Package) The SOT-25 (AF5) package typically follows this standard pinout for the 1G66 series: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | L | Input/Output (Independent) | | 2 | Y | Output/Input (Independent) | | 3 | GND | Ground (0V) | | 4 | E | Enable (Control Input) | | 5 | $V_{CC}$ | Supply Voltage | --- ### 3. Functional Characteristics * **Bidirectional Capability:** The switch can pass signals in both directions (from L to Y or Y to L), making it versatile for data bus applications. * **Active-High Enable:** The switch is "ON" (conductive) when the Enable pin (E) is set to **HIGH**. It is "OFF" (high impedance) when the Enable pin is **LOW**. * **Low Power Consumption:** As a CMOS device, it draws very little static current ($I_{CC}$ max ~10µA), ideal for battery-powered devices. * **Overvoltage Tolerance:** The control input (E) can withstand up to 5.5V regardless of the $V_{CC}$ supply, allowing for level-shifting interfaces. --- ### 4. Typical Applications 1. **Signal Gating:** Turning on/off specific analog or digital signals within a circuit. 2. **Audio Switching:** Routing low-power audio signals in mobile phones or portable media players. 3. **Multiplexing:** Combining with other gates to create simple 2-to-1 multiplexers. 4. **Sample and Hold:** Used in data acquisition systems to capture instantaneous voltage levels. --- ### 5. Part Number Breakdown Understanding the UTC (Unisonic Technologies) nomenclature: * **U74LVC**: Logic family (Low Voltage CMOS). * **1G66**: Functional identity (Single Bilateral Switch). * **G**: Halogen-free and Lead-free (Green). * **AF5**: Package code for SOT-25. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum signal frequency this switch can handle effectively?
    • ⤷ How does the ON-resistance change when the supply voltage decreases to 1.8V?
    • ⤷ Can this part be used to switch power rails instead of just signals?