Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U74LVC640G-P20-R

  • AI
    ### Overview of U74LVC640G-P20-R The **U74LVC640G-P20-R** is a high-performance, low-voltage CMOS octal bus transceiver designed for asynchronous two-way communication between data buses. It is characterized by its inverted 3-state outputs and low power consumption. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | LVC (Low-Voltage CMOS) | | **Function** | Octal Bus Transceiver (Inverting) | | **Operating Voltage Range** | 1.2V to 3.6V | | **Output Type** | 3-State (Inverting) | | **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) | | **Current Drive** | ±24 mA at 3.0V | | **Propagation Delay** | Max ~6.5 ns (at 3.3V) | --- ### Functional Components & Pinout Features The device consists of eight channels of bus transceivers. Below is the breakdown of its control logic: 1. **Direction Control (DIR):** * Determines the direction of data flow (A to B or B to A). 2. **Output Enable ($\overline{OE}$):** * When **Low**, the device is active. * When **High**, the outputs are in a high-impedance state (isolated), effectively disconnecting the buses. 3. **Inverting Logic:** * Unlike the '245 series, the '640 series **inverts** the signal from the input to the output. #### Logic Truth Table | $\overline{OE}$ | DIR | Operation | | :---: | :---: | :--- | | L | L | B data to A bus (Inverted) | | L | H | A data to B bus (Inverted) | | H | X | Isolation (High-Z) | --- ### Key Technical Features * **$I_{off}$ Support:** The device supports partial power-down mode, which prevents damaging backflow current when the device is powered down. * **5V Tolerance:** The inputs and outputs are 5V tolerant when the device is operating at 3.3V, allowing it to act as a level shifter in mixed-voltage systems. * **Low Noise:** Designed to minimize ground bounce and power supply noise during switching. --- ### Application Scenarios * **Interfacing:** Used between different logic families (e.g., interfacing 3.3V microcontrollers with 5V peripherals). * **Bus Extension:** Driving high-capacitance loads on backplanes or long bus lines. * **Data Buffering:** Providing signal isolation to protect sensitive components during power cycles.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the U74LVC640 and the U74LVC245?
    • ⤷ Can this part be used for bidirectional level shifting between 1.8V and 3.3V?
    • ⤷ What does the 'G-P20-R' suffix indicate regarding packaging and environmental standards?