Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U7SH08G-AF5-R

  • AI
    The **U7SH08G-AF5-R** is a high-speed CMOS 2-input AND gate manufactured by UTC (Unisonic Technologies). It is designed for low-voltage applications and belongs to the "S" (Super High Speed) logic family. --- ### ## Technical Specifications The following table outlines the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Logic Type** | AND Gate | | **Number of Inputs** | 2 | | **Operating Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Propagation Delay ($t_{pd}$)** | ~3.6ns (at 5V) | | **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +85°C | --- ### ## Functional Pinout (SOT-25) The device typically follows a standard 5-pin configuration for single-gate logic: 1. **Pin 1 (A):** Input 1 2. **Pin 2 (B):** Input 2 3. **Pin 3 (GND):** Ground 4. **Pin 4 (Y):** Output ($A \times B$) 5. **Pin 5 ($V_{CC}$):** Power Supply --- ### ## Key Features and Applications ### ### Features * **High Speed:** Performance comparable to Schottky TTL. * **Low Power Consumption:** Uses CMOS technology to ensure minimal quiescent current. * **Small Footprint:** The AF5 (SOT-25) package is ideal for space-constrained mobile and portable devices. * **High Noise Immunity:** Characteristics inherent to CMOS logic. ### ### Typical Applications * **Signal Gating:** Enabling or disabling a signal path based on a control bit. * **Digital Logic Buffering:** Cleaning up signals or matching logic levels. * **Handheld Electronics:** Used in smartphones and tablets for simple logic functions. * **Industrial Control:** Low-power timing and switching circuits. --- ### ## Truth Table The logic gate follows the standard AND function, where the output is HIGH only if both inputs are HIGH. | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | L | | L | H | L | | H | L | L | | H | H | H |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers from other manufacturers (like TI or Nexperia)?
    • ⤷ How does the power consumption of the U7SH08G compare to standard 74HC series gates?
    • ⤷ What is the specific thermal resistance of the SOT-25 package used in this part?