Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U7SH32G-AF5-R

  • AI
    ### U7SH32G-AF5-R: Technical Overview The **U7SH32G-AF5-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It belongs to the high-speed CMOS logic family, specifically functioning as a **2-input OR gate**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Function** | 2-Input OR Gate | | **Logic Family** | Advanced Ultra-High Speed (74SH / 74VHC equivalent) | | **Operating Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA (at 4.5V) | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | | **Propagation Delay** | ~3.8ns (at 5V) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration (SOT-25) The device is housed in a small 5-pin package, designed for space-constrained applications. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **B** | Data Input B | | 2 | **A** | Data Input A | | 3 | **GND** | Ground (0V) | | 4 | **Y** | Data Output ($Y = A + B$) | | 5 | **VCC** | Power Supply | --- ### 3. Functional Logic The device follows the standard OR gate logic table. The output **Y** is HIGH if at least one input (**A** or **B**) is HIGH. **Logic Equation:** $Y = A \lor B$ | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | **L** | | L | H | **H** | | H | L | **H** | | H | H | **H** | --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **U7SH**: UTC's series for high-speed CMOS (compatible with 74AHC series). * **32**: Function code for a 2-input OR Gate. * **G**: Halogen-free and RoHS compliant. * **AF5**: Package code for **SOT-25**. * **R**: Tape and Reel packaging. --- ### 5. Typical Applications * **Signal Combining:** Merging two control signals into one. * **Mobile Devices:** Due to low power consumption and small footprint. * **Level Shifting:** Can be used in systems with varying voltage nodes (up to 5.5V). * **Digital Logic Buffering:** Providing drive strength to weak signals.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts from other manufacturers like TI or Nexperia?
    • ⤷ Can this chip be used for voltage level translation between 3.3V and 5V?
    • ⤷ What is the maximum power dissipation allowed for the SOT-25 package?