Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U9751B-R16-R

  • AI
    The **U9751B-R16-R** is an electronic component typically categorized as a **Low Dropout (LDO) Voltage Regulator**. It is designed to provide a stable, low-noise DC output voltage from a higher or fluctuating input source. Below is a detailed breakdown of its characteristics, specifications, and typical applications. --- ### 1. General Specifications While specific parameters can vary slightly based on the manufacturer (often associated with brands like UTC - Unisonic Technologies), the standard specifications for this series are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Regulator | | **Output Type** | Fixed Output Voltage | | **Package Type** | SOT-89 (Common for the -R16 suffix) | | **Pin Count** | 3 Pins (Vin, Vout, GND) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Lead-Free / Halogen-Free | ### 2. Suffix Breakdown The alphanumeric code provides specific details about the component's packaging and thermal ratings: * **U9751B**: The base model/series number. * **R16**: Usually refers to the specific package size or internal voltage reference tuning (often SOT-89). * **-R**: Typically indicates "Tape and Reel" packaging for automated assembly lines. ### 3. Key Performance Characteristics * **Low Quiescent Current:** Designed to consume very little power during standby, making it ideal for battery-powered devices. * **High Accuracy:** Generally maintains an output voltage tolerance within ±2%. * **Built-in Protections:** * **Current Limiting:** Protects the IC during short-circuit conditions. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits. ### 4. Typical Applications This part is commonly found in consumer electronics where space is limited and power efficiency is critical: 1. **Mobile Devices:** Smartphones, tablets, and portable media players. 2. **Peripherals:** Wireless mice, keyboards, and USB hubs. 3. **Battery Management:** Voltage stabilization for Li-ion battery-operated circuits. 4. **Reference Voltage:** Providing a steady voltage for sensors and Microcontroller Units (MCUs). --- ### 5. Pin Configuration (Typical SOT-89) ```text _______ | | | | | | <-- Heat Sink Tab (GND) ___|___|___|___ | 1 2 3 | |_______________| | | | ``` 1. **GND**: Ground 2. **VIN**: Input Voltage 3. **VOUT**: Regulated Output Voltage
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage for the U9751B-R16-R?
    • ⤷ What are the common alternatives or equivalents for this LDO regulator?
    • ⤷ Can this component handle high-current loads above 1 Amp?