Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UB2012AL-S08-R

  • AI
    ## UB2012AL-S08-R Electronic Component Overview The **UB2012AL-S08-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It is primarily categorized as a high-performance **Operational Amplifier (Op-Amp)** designed for low-voltage and low-power applications. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | UTC (Unisonic Technologies) | | **Part Number** | UB2012AL-S08-R | | **Package Type** | SOP-8 (Surface Mount) | | **Circuit Type** | Dual Operational Amplifier | | **Operating Voltage** | Low voltage (typically 1.8V to 5.5V) | | **Mounting Type** | Surface Mount (SMD) | | **Packing** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Functional Description The UB2012 series is characterized by its **Rail-to-Rail input and output** capabilities. This means the device can handle signal swings that go very close to the power supply rails, maximizing the dynamic range in low-voltage systems. #### Core Features: * **Low Quiescent Current:** Designed for battery-operated devices to prolong life. * **High Output Drive:** Capable of driving significant loads despite its low power consumption. * **Stability:** Optimized for unity-gain stability. * **Lead-Free:** The "L" in the part number usually indicates a Halogen-free and Lead-free (RoHS compliant) construction. --- ### 3. Pin Configuration (SOP-8) As a dual op-amp in an SOP-8 package, the pinout typically follows the industry standard: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT A | Output of the first amplifier | | 2 | -INPUT A | Inverting input of the first amplifier | | 3 | +INPUT A | Non-inverting input of the first amplifier | | 4 | V- (GND) | Negative power supply or ground | | 5 | +INPUT B | Non-inverting input of the second amplifier | | 6 | -INPUT B | Inverting input of the second amplifier | | 7 | OUTPUT B | Output of the second amplifier | | 8 | V+ (VCC) | Positive power supply | --- ### 4. Typical Applications * **Portable Audio:** Headphone drivers and pre-amplifiers. * **Sensor Conditioning:** Amplifying small signals from sensors in IoT devices. * **Battery Monitoring:** Low-power voltage comparators or buffers. * **Active Filters:** Used in signal processing for consumer electronics.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the UB2012AL?
    • ⤷ Can this component be used in high-voltage industrial circuits?
    • ⤷ What is the maximum operating temperature for the UB2012AL-S08-R?