Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UB2012CL-S08-R

  • AI
    The **UB2012CL-S08-R** is a specific electronic component, typically manufactured by **UTC (Unisonic Technologies)**. It is a low-dropout (LDO) linear regulator designed for power management in portable and low-power electronic devices. --- ### 1. General Specifications Below is a breakdown of the technical characteristics for this specific part number: | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | 1.2V (indicated by "12" in the part number) | | **Package Type** | SOP-8 (Small Outline Package, 8 pins) | | **Current Output** | Typically up to 500mA - 600mA (model dependent) | | **Accuracy** | ±2.0% | | **Quiescent Current** | Very Low (typically ~50µA) | | **Packing Type** | Tape & Reel ("R" suffix) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **UB2012**: The series code. "UB20" represents the LDO series, and "12" designates a fixed **1.2V output**. * **C**: Accuracy or specific grade designator. * **L**: Lead-free/Halogen-free (Green product). * **S08**: Package code for **SOP-8**. * **R**: Shipping format (**Tape & Reel**). --- ### 3. Key Features and Functions * **Low Dropout Voltage:** It can maintain a steady output voltage even when the input voltage is only slightly higher than the output. * **Enable Function:** Often includes a "Chip Enable" (CE) pin to allow the system to shut down the regulator to save power. * **Protections:** Built-in thermal shutdown and current limiting to prevent damage during circuit faults. * **Stability:** Designed to be stable with low-ESR ceramic capacitors, reducing the overall PCB footprint. --- ### 4. Typical Application Circuit The basic wiring for an LDO like the UB2012 involves minimal external components: ```text Input (Vin) ----[ C1 (1uF) ]---- (Pin 1: VIN) (Pin 2: VOUT) ----[ C2 (1uF) ]---- Output (1.2V) (Pin 3: GND) -------------------- Ground (Pin 4: CE) ---- Logic High to Enable ``` --- ### 5. Common Applications * Battery-powered equipment (Smartphones, Tablets). * Reference voltage sources for Microcontrollers (MCUs). * Post-regulation for switching power supplies to reduce noise. * Wireless communication modules.
    ✨ Follow-up Questions
    • ⤷ What are the alternative package types for the UB2012 series?
    • ⤷ How does the dropout voltage change with the output load?
    • ⤷ Can this regulator be used with an input voltage higher than 6V?