Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UB2012DG-S08-R

  • AI
    ## UB2012DG-S08-R Electronic Component Overview The **UB2012DG-S08-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It belongs to the category of high-efficiency, constant current LED drivers, specifically designed for applications like emergency lighting and battery-powered LED systems. ### 1. Technical Specifications Below are the primary electrical characteristics and physical parameters of the component: | Feature | Specification | | :--- | :--- | | **Component Type** | LED Driver IC | | **Package Type** | SOP-8 (Standard Outline Package) | | **Supply Voltage (Vcc)** | 2.5V to 6V | | **Output Current** | Programmable (up to 1.5A depending on configuration) | | **Efficiency** | Up to 90% | | **Operating Temperature** | -40°C to +85°C | | **RoHS Status** | Lead-Free / Halogen-Free (indicated by 'G' and 'R') | --- ### 2. Pin Configuration (SOP-8) The device uses an 8-pin layout to manage power input, current sensing, and output control. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Power Supply Pin | | 2 | **NC** | No Connection | | 3 | **LX** | Switching Node (connected to inductor) | | 4 | **GND** | Ground | | 5 | **FB** | Feedback pin for current sensing | | 6 | **EN** | Enable pin (High = ON, Low = OFF) | | 7 | **DIM** | Dimming control input | | 8 | **NC** | No Connection | --- ### 3. Key Features & Functionality * **Constant Current Regulation:** Ensures consistent LED brightness regardless of battery voltage fluctuations. * **Low Dropout Voltage:** Maximizes battery life by operating effectively even as the battery discharges. * **Dimming Control:** Supports PWM (Pulse Width Modulation) dimming to adjust light intensity. * **Protective Circuitry:** Usually includes over-temperature protection (OTP) and short-circuit protection to prevent component failure. ### 4. Part Number Breakdown The nomenclature reveals specific manufacturing details: * **UB2012:** The base model/series number. * **D:** Specific internal revision or performance grade. * **G:** Halogen-free and RoHS compliant. * **S08:** Indicates the **SOP-8** package type. * **R:** Tape & Reel packaging (for automated PCB assembly). --- ### 5. Common Applications * Flashlights and torches. * LED Emergency backup lighting. * Portable battery-operated LED lamps. * Backlight drivers for small displays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current supported by the UB2012DG-S08-R?
    • ⤷ Can this IC be used with Li-ion batteries?
    • ⤷ How do I calculate the external resistor value for the FB pin?