Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UCS1601SL-S08-R

  • AI
    The **UCS1601SL-S08-R** is a specific integrated circuit designed for power management and signal control, typically used in automotive and industrial applications. Below is a detailed technical breakdown of the component. --- ### 1. General Overview The UCS1601 is primarily a **Constant Current/Constant Voltage (CC/CV)** controller or a specialized current-limiting switch, often found in power supply modules and battery charging circuits. ### 2. Technical Specifications The following table summarizes the key electrical characteristics based on standard industrial datasheets for this series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Function** | Power Management / Current Limiter | CC/CV Controller | | **Package Type** | SOP-8 | Small Outline Package (8 pins) | | **Input Voltage** | Operating Range | 4.5V to 32V (approx.) | | **Output Type** | Regulation Mode | PWM Controlled | | **Mounting Type** | PCB Assembly | Surface Mount (SMD) | | **Packaging** | Tape & Reel (R suffix) | High-speed automated assembly | --- ### 3. Pin Configuration (Typical SOP-8) While specific pinouts can vary slightly by manufacturer, the standard 8-pin configuration for this series usually includes: 1. **VCC:** Main power supply input. 2. **GND:** System ground. 3. **FB (Feedback):** Monitors output voltage for regulation. 4. **CS (Current Sense):** Monitors current flow to maintain constant current. 5. **COMP:** Compensation pin for stability. 6. **OUT/DRV:** Gate drive output for external MOSFET or internal power stage. --- ### 4. Key Features * **Built-in Protections:** Includes Over-Voltage Protection (OVP), Short-Circuit Protection (SCP), and Thermal Shutdown. * **High Efficiency:** Uses synchronous rectification or high-frequency switching to minimize heat dissipation. * **Accuracy:** High precision feedback reference (typically ±1% to ±2%) for stable voltage output. * **Compact Design:** The SOP-8 footprint allows for high-density PCB layouts. --- ### 5. Application Areas * **Automotive Electronics:** Used in USB car chargers and dashboard power modules. * **Portable Devices:** Battery charging circuits for Li-ion or Lead-acid batteries. * **LED Drivers:** Constant current regulation for high-brightness LEDs. * **Industrial Power:** Distributed power systems and DC-DC converters. --- ### 6. Part Number Breakdown The suffix **SL-S08-R** provides specific logistics information: * **SL:** Often denotes a specific internal revision or low-lead/halogen-free status. * **S08:** Indicates the **SOP-8** package size. * **R:** Indicates **Tape & Reel** packaging for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the UCS1601?
    • ⤷ Can you provide the maximum current rating for this specific IC?
    • ⤷ How do I calculate the feedback resistor values for a 5V output?