Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UCS17002SL-S08-R

  • AI
    The **UCS17002SL-S08-R** is a specific integrated circuit (IC) primarily designed as an **electronic protection switch** or **USB charging controller**. It is commonly used in power management circuits to control current flow and protect sensitive downstream components. --- ### 1. Key Technical Specifications The following table highlights the general characteristics typically associated with this series of ICs: | Parameter | Typical Value / Description | | :--- | :--- | | **Package Type** | SOP-8 (Small Outline Package) | | **Function** | Power Distribution Switch / Current Limiter | | **Operating Voltage** | 4.5V to 5.5V (Standard USB Range) | | **Continuous Current** | Approx. 2.0A - 2.5A | | **Control Interface** | Logic Level (Enable Pin) | | **Protection Features** | Overcurrent, Over-temperature, Short-circuit | --- ### 2. Functional Breakdown The UCS17002 series is engineered to manage power delivery safely. Below are the primary electronic functions: #### A. Current Limiting The IC acts as a "gatekeeper." If the connected device (load) attempts to draw more current than the circuit can safely handle, the IC limits the current to a predefined threshold to prevent damage to the power supply. #### B. Thermal Shutdown If the internal temperature of the chip rises too high due to heavy load or environmental factors, the device automatically shuts down (Thermal Protection) and restarts once it cools. #### C. Fault Reporting Most chips in this category feature an "FLT" (Fault) pin. This pin sends a signal back to the main processor (MCU) to indicate that an overcurrent or over-temperature event has occurred. --- ### 3. Application Use Cases This part is frequently found in the following electronic assemblies: * **USB Hubs:** To protect host ports from shorted peripheral devices. * **Laptops/Motherboards:** To manage power to USB Type-A or Type-C ports. * **Battery Charging Circuits:** Managing the handshake and power flow for fast-charging protocols. --- ### 4. Pin Configuration (Typical SOP-8) | Pin # | Label | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference | | 2-3 | **IN** | Input Voltage (Supply) | | 4 | **EN** | Enable signal (turns the switch ON/OFF) | | 5 | **FLT** | Fault output (Active Low) | | 6-8 | **OUT** | Output Voltage to the load | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current limit for the UCS17002SL version?
    • ⤷ Can this IC be used for USB PD (Power Delivery) applications?
    • ⤷ What are the common alternatives or equivalents to the UCS17002?