Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDN302L-AE3-R

  • AI
    ## Technical Overview: UDN302L-AE3-R The **UDN302L-AE3-R** is a high-performance **N-Channel Enhancement Mode Power MOSFET** manufactured by Unisonic Technologies (UTC). It is primarily designed for low-voltage, high-speed switching applications where efficiency and compact sizing are critical. --- ### 1. Key Technical Specifications The following table summarizes the fundamental electrical characteristics of the device: | Parameter | Symbol | Maximum Rating | Units | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 0.3 | A (300mA) | | **Pulsed Drain Current** | $I_{DM}$ | 1.2 | A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 1.5 (typ) / 3.0 (max) | $\Omega$ | | **Power Dissipation** | $P_D$ | 0.35 | W | | **Package Type** | SOT-23 | — | — | --- ### 2. Physical Characteristics and Pinout The "AE3" suffix denotes the **SOT-23** package, which is a standard surface-mount package. The "R" usually indicates the Tape & Reel packaging for automated assembly. * **Pin 1 (Gate):** Controls the flow of current between source and drain. * **Pin 2 (Source):** Connected to the ground/lower potential in typical N-channel configurations. * **Pin 3 (Drain):** Connected to the load. --- ### 3. Application Areas Due to its low threshold voltage and fast switching speeds, the UDN302L-AE3-R is commonly found in: 1. **Level Shifters:** Converting logic signals between different voltage domains (e.g., 5V to 3.3V). 2. **Small Signal Switching:** Driving small relays, LEDs, or transistors. 3. **Power Management:** Used in battery-powered portable devices due to low power consumption. 4. **Load Switches:** Controlling power to specific sub-circuits on a PCB. --- ### 4. Circuit Implementation Example A typical logic-level switch configuration using the UDN302L: ```markdown Vcc (3.3V/5V) | [LOAD] | (Drain) [MCU Pin] -- (Gate) -- [UDN302L] (Source) | [GND] ``` **Key Advantages:** * **Low Threshold Voltage:** Can be fully "turned on" by standard microcontrollers (Logic Level). * **High Speed:** Low gate charge allows for high-frequency PWM switching. * **Reliability:** Built-in ESD protection (model dependent) and high cell density for low $R_{DS(ON)}$.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the UDN302L in a SOT-23 package?
    • ⤷ How does the gate threshold voltage (Vgs(th)) affect its use with 1.8V logic?
    • ⤷ What are the thermal considerations when running this MOSFET at its maximum 300mA current?