Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-162-R

  • AI
    The **UDS-162-R** is a high-performance, 16-channel, 12-bit analog-to-digital converter (ADC) module designed for industrial and scientific data acquisition. It is commonly used in environments requiring high-speed sampling and precision synchronization. --- ### Core Electronic Components and Specifications The UDS-162-R is built upon a robust architecture designed to handle high data throughput. Below are the primary electronic specifications: | Component / Feature | Specification | Description | | :--- | :--- | :--- | | **Resolution** | 12-Bit | Provides 4,096 discrete levels for signal quantization. | | **Channels** | 16-Channel | Simultaneous or multiplexed inputs for multi-sensor arrays. | | **Sampling Rate** | Up to 100 MS/s | Capable of high-speed transient recording. | | **Input Range** | ±1V to ±10V | Adjustable voltage ranges to match sensor outputs. | | **Interface** | PCIe / PXIe | High-speed bus for low-latency data transfer to a PC. | | **Coupling** | AC / DC | Supports both static and oscillating signal types. | --- ### Key Internal Subsystems #### 1. Front-End Signal Conditioning The input stage utilizes high-precision **Operational Amplifiers (Op-Amps)**. These parts are responsible for: * **Impedance Matching:** Ensuring the signal source is not loaded down. * **Filtering:** Anti-aliasing filters (Low-pass) prevent high-frequency noise from folding back into the digitized signal. * **Gain Control:** Programmable Gain Amplifiers (PGAs) allow the device to scale small signals to use the full 12-bit range. #### 2. Analog-to-Digital Conversion (ADC) The heart of the unit consists of high-speed ADC chips. In the UDS-162-R, these are often configured for **Simultaneous Sampling**, meaning every channel has its own dedicated sample-and-hold circuit, eliminating phase delays between channels. #### 3. FPGA (Field Programmable Gate Array) A high-density FPGA serves as the "brain" of the electronic assembly. It handles: * **Data Buffering:** Managing the flow of massive amounts of data to onboard RAM. * **Triggering Logic:** Processing TTL or software triggers to start/stop recording. * **Digital Down-Conversion (DDC):** Some variants use the FPGA for real-time signal processing. #### 4. Clocking and Synchronization To ensure accuracy, the module includes a **TCXO (Temperature Compensated Crystal Oscillator)**. This component minimizes "jitter" (timing uncertainty), which is critical for maintaining 12-bit vertical accuracy at high sampling speeds. --- ### Connectivity Diagram (Simplified) ```mermaid graph LR A[Sensors] --> B[Signal Conditioning] B --> C[12-Bit ADC] C --> D[FPGA Processing] D --> E[Onboard Buffer RAM] E --> F[PCIe/PXIe Interface] F --> G[Host Computer] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the UDS-162-R?
    • ⤷ How does the 12-bit resolution affect the Signal-to-Noise Ratio (SNR)?
    • ⤷ Does the UDS-162-R support differential signaling for noise reduction?