Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-1D-R

  • AI
    ### Overview of the UDS-1D-R The **UDS-1D-R** is a specific model of an **Ultrasonic Distance Sensor**, typically used in industrial automation, liquid level monitoring, or robotics. It operates by emitting ultrasonic sound waves and measuring the time it takes for the echo to return after hitting an object. --- ### Key Electronic Components and Specifications Below is a breakdown of the electronic architecture and performance characteristics commonly found in the UDS-1D-R series. | Feature | Description | | :--- | :--- | | **Transducer Type** | Piezoelectric ceramic element (converts electrical energy to sound and vice versa). | | **Output Type** | PNP or NPN Transistor output (standard for PLC integration). | | **Control Logic** | Embedded Microcontroller (MCU) for signal processing and noise filtering. | | **Connector Type** | M12 standard 4-pin or 5-pin industrial connector. | | **Protection Circuitry** | Reverse polarity protection, overcurrent protection, and surge suppression. | --- ### Electronic Working Principle The electronic operation follows a four-step sequence: 1. **Triggering:** The internal MCU generates a high-frequency (usually 40kHz or 200kHz) electrical pulse. 2. **Emission:** The **Piezoelectric Transducer** vibrates at the ultrasonic frequency, sending a sound wave through the air. 3. **Reception:** The transducer switches to "listen" mode. When the echo returns, it vibrates the piezo element, creating a small electrical signal. 4. **Signal Processing:** The internal electronics amplify this weak signal and use the **Time-of-Flight (ToF)** calculation: * `Distance = (Speed of Sound × Time) / 2` --- ### Wiring Diagram (Typical) Most UDS-1D-R units follow standard industrial wiring conventions: ```json { "Pin 1": "Brown (VCC / +24VDC)", "Pin 2": "White (Teach-in / Configuration)", "Pin 3": "Blue (GND / 0V)", "Pin 4": "Black (Switching Output / Signal)" } ``` --- ### Technical Limitations * **Blind Zone:** There is an electronic minimum distance (usually 20mm–100mm) where the sensor cannot measure because it is still vibrating from the initial pulse. * **Temperature Compensation:** High-end UDS-1D-R models include an internal **Thermistor** to adjust calculations based on air temperature, as the speed of sound changes with heat.
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing range of the UDS-1D-R?
    • ⤷ Does this model support analog 4-20mA output?
    • ⤷ How do you configure the 'Teach-in' function on this sensor?