Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-22-R

  • AI
    The **UDS-22-R** is a high-performance, programmable ultrasonic sensor commonly used for distance measurement, object detection, and level monitoring in industrial automation. Below is an explanation of its core electronic parts and technical specifications. --- ### 1. Key Electronic Components The device integrates acoustic transducers with sophisticated signal processing electronics. | Component | Function | | :--- | :--- | | **Piezoelectric Transducer** | Converts electrical energy into high-frequency sound waves (40kHz - 200kHz) and vice versa. | | **Microcontroller (MCU)** | The "brain" that calculates the time-of-flight (ToF) and manages the output logic. | | **Signal Amplifier** | Boosts the weak echo signals received by the transducer for processing. | | **Temperature Sensor** | Compensates for the speed of sound variations caused by ambient temperature changes. | | **Output Stage** | Provides analog (4-20mA/0-10V) or digital (PNP/NPN) signals to a PLC or controller. | --- ### 2. Technical Specifications The "R" in the model often signifies a specific range or communication protocol (like RS-485 or specialized Relay outputs). | Parameter | Typical Value / Description | | :--- | :--- | | **Operating Voltage** | 12V to 30V DC | | **Sensing Range** | 100mm to 2000mm (depends on target surface) | | **Output Type** | PNP/NPN Switching or 0-10V/4-20mA Analog | | **Resolution** | ~1mm | | **Response Time** | < 100ms | | **Protection Class** | IP65 or IP67 (Dust and water resistant) | --- ### 3. Connection Diagram (Standard Wiring) Most UDS series sensors use a standard M12 connector pinout: ```markdown Pin 1: Brown (+) -> 12-30V DC Power Pin 2: White (I) -> Analog Output / Teach-in Pin 3: Blue (-) -> 0V / Ground Pin 4: Black (Q) -> Switching Output (PNP/NPN) ``` --- ### 4. Electronic Features * **Teach-In Functionality:** Allows the user to set the sensing limits (Near and Far points) electronically via a button or a remote wire, without physical adjustment. * **Beam Shaping:** The internal electronics shape the ultrasonic "cone" to minimize interference from side walls or agitators in tanks. * **Short-Circuit Protection:** Protects the internal circuitry if the output wires are accidentally crossed.
    ✨ Follow-up Questions
    • ⤷What is the difference between the PNP and NPN output versions of this sensor?
    • ⤷ How do I perform a Teach-in procedure for the UDS-22-R?
    • ⤷ Can this sensor be used for liquid level sensing in a vacuum?