Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-A4-R

  • AI
    The **UDS-A4-R** typically refers to a high-precision, industrial-grade ultrasonic double-sheet detector sensor, commonly used in printing, packaging, and paper processing industries. Its primary electronic function is to detect whether a single sheet, double sheets, or no sheets are present between the transmitter and receiver. --- ### Core Electronic Components and Specifications The device operates using a pair of ultrasonic transducers and sophisticated processing circuitry. | Component / Feature | Description | | :--- | :--- | | **Transducer Type** | Ultrasonic (Piezoelectric) high-frequency sensors. | | **Operating Voltage** | Typically 18V to 30V DC (Standard 24V DC). | | **Output Type** | Push-Pull (NPN/PNP) or Discrete Switching outputs. | | **Interface** | M12 Connector (4-pin or 5-pin) for power and signal. | | **Signal Processing** | Integrated Microcontroller for amplitude analysis. | | **Detection Frequency** | High-frequency ultrasonic pulse (approx. 200–400 kHz). | --- ### Functional Electronic Blocks 1. **Ultrasonic Transmitter:** The transmitter converts electrical energy into high-frequency sound waves. These waves are focused toward the receiver. 2. **Ultrasonic Receiver:** The receiver captures the sound waves that have passed through the material. It converts the mechanical vibration back into an analog voltage. 3. **The Signal Comparator (Logic Unit):** The internal electronics compare the received signal amplitude against stored "thresholds": * **High Amplitude:** No sheet (Air). * **Medium Amplitude:** Single sheet (Normal operation). * **Low/Zero Amplitude:** Double sheets or spliced material (The sound is blocked/reflected too much). 4. **Teach-In Circuitry:** Allows the user to calibrate the electronics to specific paper weights (grams per square meter) via a button or an external input wire. --- ### Wiring Pinout (Typical M12 Connector) | Pin Number | Color | Function | | :--- | :--- | :--- | | 1 | Brown | +24V DC (Power) | | 2 | White | Output 2 (Double Sheet / Error) | | 3 | Blue | 0V (Ground) | | 4 | Black | Output 1 (Single Sheet / Presence) | | 5 | Gray | Teach-in / Remote Input | --- ### Performance Characteristics * **Response Time:** Extremely fast (typically < 50ms) to accommodate high-speed machinery. * **Material Sensitivity:** Since it is electronic/ultrasonic, it is unaffected by the color, transparency, or metallic print of the paper. * **Protection:** Integrated protection against short circuits and reverse polarity.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the UDS-A4-R for different paper thicknesses?
    • ⤷ What is the difference between NPN and PNP output configurations in this sensor?
    • ⤷ Can the UDS-A4-R detect plastic films or only paper?