Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-B3-R

  • AI
    The **UDS-B3-R** is a specific model of an Ultrasonic Scaler, widely used in dental clinics. It is manufactured by Woodpecker (Guilin Woodpecker Medical Instrument Co., Ltd.). This device relies on a combination of power electronics and high-frequency oscillation circuits to drive a piezoelectric transducer. --- ### 1. Core Electronic Components The device consists of several critical subsystems that manage power, frequency, and user interface. | Component Group | Purpose | Key Electronic Parts | |:---|:---|:---| | **Power Supply Unit** | Converts AC to DC | Transformer (24VAC input), Rectifier Bridge, Filter Capacitors. | | **Control Logic** | System management | Microcontroller (MCU) - usually an 8-bit or 32-bit RISC processor. | | **Oscillation Circuit** | Generates ultrasonic frequency | Power MOSFETs, High-frequency Inductors, and Drive Transistors. | | **Feedback System** | Frequency tracking | Automatic Frequency Tracking (AFT) circuit using current sensing. | | **Interface** | User controls | Potentiometer (for power intensity) and LED indicators. | --- ### 2. Functional Electronic Systems #### A. Piezoelectric Drive System The heart of the UDS-B3-R is the **Piezoelectric Ceramic** located inside the handpiece. * **Action:** The electronic board generates a high-frequency sinusoidal voltage (typically around **28 kHz to 32 kHz**). * **Conversion:** This electrical energy is applied to the piezoelectric disks, which expand and contract rapidly, converting electricity into mechanical vibrations. #### B. Automatic Frequency Tracking (AFT) Because the load on the scaler tip changes when it touches a tooth, the resonant frequency shifts. * The electronics include a **Phase-Locked Loop (PLL)** or an MCU-based feedback loop. * It monitors the "back-EMF" or current phase to ensure the circuit always operates at the tip's resonance for maximum efficiency. #### C. Power Regulation The "R" in the model often signifies specific revisions or features like a standalone water bottle system, which involves: * **Solenoid Valve:** An electronically controlled valve that opens/closes to allow water flow when the foot pedal is pressed. * **Power Adjustment:** A linear or PWM (Pulse Width Modulation) control that adjusts the amplitude of the tip's vibration. --- ### 3. Technical Specifications (Electronic) | Feature | Specification | |:---|:---| | **Main Unit Input** | 24V AC, 50Hz/60Hz, 1.3A | | **Output Frequency** | 28kHz ± 3kHz | | **Output Power** | 3W to 20W (Adjustable) | | **Fuse** | 250V / 1.6A or 0.5A (depending on region) | | **Handpiece Type** | Detachable (containing Piezo-ceramic stack) | --- ### 4. Safety and Protection Features * **Over-current Protection:** Prevents the MOSFETs from burning out if the tip is jammed or the handpiece shorts. * **Isolation Transformer:** Ensures the patient is electrically isolated from the high-voltage mains supply. * **Foot Switch Interface:** A low-voltage trigger circuit that activates the main oscillation loop.
    ✨ Follow-up Questions
    • ⤷ How does the Automatic Frequency Tracking circuit prevent the handpiece from overheating?
    • ⤷ What are the common failure points in the UDS-B3-R control board?
    • ⤷ How does the piezoelectric technology differ from magnetostrictive scalers electronically?