Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-B3-R.

  • AI
    Based on the technical specifications for the **Woodpecker UDS-B3-R** (a built-in ultrasonic piezo scaler often used in dental units), here is a breakdown of its electronic components and system architecture. ### 1. System Overview The UDS-B3-R is an **OEM built-in module** designed to be integrated into a dental delivery system. Unlike tabletop units, it relies on the dental chair's power supply and foot control interface. --- ### 2. Key Electronic Components | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Main Control PCB** | The "Brain" of the unit. | Processes input signals from the foot pedal and regulates power output to the handpiece. | | **Piezoelectric Transducer** | Energy Conversion. | Located inside the handpiece; converts electrical energy into high-frequency mechanical vibrations (28kHz ± 3kHz). | | **Power Transformer/Input** | Voltage Regulation. | Typically requires **24VAC 50Hz/60Hz** input from the dental unit's transformer. | | **Potentiometer Interface** | User Interface. | Connects to a dial on the dental unit to adjust the vibration intensity (Power). | | **Solenoid Valve Port** | Fluid Control. | Triggers the flow of cooling water when the ultrasonic function is activated. | --- ### 3. Functional Modules #### A. Automatic Frequency Tracking The electronic circuit features a feedback loop that detects the resonant frequency of the scaling tip currently in use. * **Benefit:** It automatically adjusts the output frequency to ensure the tip stays in a steady state of vibration regardless of the load (pressure applied). #### B. Power Regulation Circuit The UDS-B3-R uses pulse-width modulation or similar power-shaping techniques to control the amplitude of the tip's stroke. * **Output Power:** Ranges from **3W to 20W**. * **Adjustment:** Controlled via an external 10k or 20k ohm potentiometer provided with the kit. #### C. Handpiece Connection (HW-3H) The electronic connection to the handpiece is usually a multi-pin connector that carries: 1. High-voltage AC signal for the Piezo ceramic discs. 2. Grounding/Shielding to prevent Electromagnetic Interference (EMI). --- ### 4. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Main Unit Input** | 24V~ 50Hz/60Hz 1.3A | | **Output Tip Vibration Frequency** | 28kHz ± 3kHz | | **Output Primary Vibration Excursion** | ≤100μm | | **Water Pressure** | 0.01MPa to 0.5MPa (0.1bar to 5bar) | | **Weight of Main Unit** | Approximately 0.2kg (PCB only) | --- ### 5. Wiring and Installation Logic The electronic integration follows this logic: 1. **Power:** 24VAC input from the chair's transformer to the PCB pins. 2. **Control:** Connection to the chair's pneumatic-electric switch (foot pedal). 3. **Adjustment:** Potentiometer wired to the PCB for intensity control. 4. **Output:** Handpiece cable and Solenoid valve (for water) connections. ---
    ✨ Follow-up Questions
    • ⤷What are the most common electronic failure points in the UDS-B3-R?
    • ⤷ How does the automatic frequency tracking circuit work in piezo scalers?
    • ⤷ What is the difference between the UDS-B3 and the UDS-N3 built-in models?