Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-BC-R/

  • AI
    The **UDS-BC-R** typically refers to a specific configuration of a **Universal Diagnostic System** or an ultrasonic dental scaler control module (often associated with brands like Woodpecker/DTE). Below is a breakdown of the core electronic components and their functions within this system. --- ### Core Electronic Components | Component Type | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Central Processing | The "brain" that handles PWM (Pulse Width Modulation) for frequency control and processes user input. | | **Power MOSFETs** | Switching | High-speed transistors used to drive the ultrasonic transducer at high frequencies (typically 28kHz - 32kHz). | | **Piezoelectric Driver** | Signal Conversion | Converts electrical energy into mechanical vibrations. It usually includes an impedance matching transformer. | | **Bridge Rectifier** | Power Conversion | Converts AC input from the transformer into DC voltage for the internal circuitry. | | **Potentiometer** | User Interface | An analog or digital dial used to adjust the power intensity (amplitude of vibration). | --- ### Functional Block Diagram 1. **Power Supply Stage:** * Input is usually 24V AC. * Uses **Filter Capacitors** to smooth out ripples and **Voltage Regulators** (e.g., 7805 or 7812) to provide stable power to the MCU. 2. **Oscillation & Control Stage:** * The **MCU** generates a frequency-tracked signal. * A **Feedback Loop** monitors the current to ensure the tip vibrates at its resonant frequency regardless of the load (water pressure or tooth contact). 3. **Output Stage:** * An **Inductor/Transformer** setup steps up the voltage to drive the Piezoelectric ceramic elements in the handpiece. * **Solenoid Valve Control:** An electronic switch (Triac or Relay) controls the water flow synchronized with the vibration. ### Technical Specifications (Typical) ```json { "Input": "24V AC", "Frequency": "28kHz ± 3kHz", "Output_Power": "3W to 20W", "Control_Method": "Automatic Frequency Tracking", "Water_Pressure": "0.01MPa to 0.5MPa" } ``` --- ### Safety & Protection Circuitry * **Overcurrent Protection:** Prevents the MOSFETs from burning out if the handpiece shorts. * **Thermal Cutoff:** Shuts down the system if the high-frequency transformer overheats. * **Optoisolators:** Used in some models to separate the control logic from the high-voltage output for user safety. ---
    ✨ Follow-up Questions
    • ⤷ How does automatic frequency tracking work in these circuits?
    • ⤷ What are the common failure points in the UDS-BC-R control board?
    • ⤷ Can you provide a wiring diagram for the 24V AC input and solenoid valve?