Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-BC-R/E2

  • AI
    The **UDS-BC-R/E2** is a specialized electronic component, typically categorized as a **photoelectric sensor** or an **ultrasonic sensor** (depending on the specific manufacturer series, though most commonly associated with industrial automation sensing). Below is the technical breakdown of its electronic components and specifications. --- ### 1. Core Electronic Specifications The "E2" suffix usually denotes a specific wiring configuration (often PNP) and a 2-meter cable. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 10–30V DC (Standard Industrial Range) | | **Output Type** | PNP (Transistor Output) | | **Switching Function** | NO/NC (Normally Open / Normally Closed) selectable | | **Current Consumption** | ≤ 30 mA | | **Max Load Current** | 100 mA – 200 mA | | **Response Time** | < 500 ms (Varies by sensing distance) | --- ### 2. Internal Electronic Architecture The device is composed of three primary electronic stages: #### A. Transducer / Emitter Stage * **Ultrasonic/Optical Head:** Contains either a piezoelectric ceramic crystal (if ultrasonic) or an LED/Laser diode (if photoelectric). * **Oscillator Circuit:** Generates the high-frequency pulse sent to the transducer. #### B. Processing Stage (ASIC) * **Amplifier:** Boosts the weak return signal received from the target. * **Comparator/Microcontroller:** Compares the received signal against a preset threshold (the "Teach-in" value). * **Filtering:** Electronic noise suppression to prevent false triggers from ambient light or vibrations. #### C. Output Stage * **Switching Transistor:** A PNP transistor acts as a solid-state switch. When the object is detected, the transistor closes the circuit between the positive supply and the signal wire. * **Protection Circuitry:** Includes Reverse Polarity Protection, Short-circuit protection, and Overload protection. --- ### 3. Wiring Configuration (E2 Standard) The **E2** designation usually refers to a 3-wire or 4-wire DC setup. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +Vcc | Positive power supply (10-30V) | | **Blue** | 0V / GND | Negative power supply / Common | | **Black** | Output (NO) | PNP Switching signal | | **White** | Teach/NC | Programming wire or NC output | --- ### 4. Key Electronic Features * **Teach-in Logic:** The electronics allow for "Remote Teach" by connecting the white wire to the positive or negative rail, setting the sensing window without physical potentiometers. * **LED Indicators:** * *Green LED:* Power supply stability. * *Yellow LED:* Switching state (lights up when the object is detected). * **IP67 Protection:** The electronic internals are encapsulated in resin to protect against moisture and dust.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range for the UDS-BC-R/E2 model?
    • ⤷ How do I configure the Teach-in function via the white wire?
    • ⤷ Can this sensor be used in NPN logic systems with a converter?