Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-C3-R

  • AI
    The **UDS-C3-R** typically refers to a high-performance **Industrial Embedded PC** or **Network Appliance** chassis, often based on the 1U rackmount form factor. These devices are designed for edge computing, network security (firewalls), and industrial automation. Below is an explanation of the core electronic components and technical specifications typically found in this series. --- ### 1. Core Hardware Specifications The internal electronics are centered around high-efficiency processing and diverse connectivity. | Component | Common Specification | | :--- | :--- | | **Processor (CPU)** | Usually Intel® Core™ i3/i5/i7 or Intel® Celeron® (J-series) for low power. | | **Memory (RAM)** | DDR4 SO-DIMM slots (supporting up to 32GB or 64GB). | | **Storage** | mSATA SSD, M.2 NVMe, or 2.5" SATA III HDD/SSD brackets. | | **Network Interface** | 4 to 6 Intel® i211/i225-V Gigabit/2.5G Ethernet ports. | | **Expansion** | Mini-PCIe (for WiFi/4G) and SIM card slots. | --- ### 2. Electronic Layout & Connectivity The PCB (Motherboard) layout of the UDS-C3-R is optimized for **passive cooling** and **high-speed data throughput**. #### A. Networking Section * **Ethernet Controllers:** High-quality Intel chips are used to ensure driver compatibility with Linux-based distributions like pfSense, OPNsense, or OpenWrt. * **Bypass Function:** Some "R" models include a hardware bypass relay that maintains network connectivity even if the device loses power. #### B. Power Management * **Voltage Input:** Usually supports a wide range (12V - 19V DC) or a standard internal AC/DC switching power supply. * **Protection Circuits:** Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) to shield sensitive components from industrial power surges. #### C. I/O Interface Electronics * **USB Controller:** USB 3.0/2.0 headers. * **Display:** HDMI or VGA outputs for local management. * **Serial Port:** RS232 (RJ45 console or DB9) for industrial PLC communication and headless configuration. --- ### 3. Thermal Design Since these units are often fanless or use low-noise industrial fans: * **Heatsink:** The aluminum chassis itself often acts as a giant heatsink, connected to the CPU via a copper thermal block. * **Capacitors:** Use of solid-state capacitors to ensure longevity in high-temperature environments ($0^{\circ}\text{C}$ to $+60^{\circ}\text{C}$). --- ### 4. Typical Block Diagram Logic ```mermaid graph LR CPU[Intel Processor] --- RAM[DDR4 Memory] CPU --- PCIe[PCIe Bus] PCIe --- NIC1[Intel i211 LAN 1] PCIe --- NIC2[Intel i211 LAN 2] CPU --- SATA[SATA / mSATA Storage] CPU --- USB[USB 3.0 Controller] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the UDS-C3-R?
    • ⤷ Does this model support hardware encryption like AES-NI?
    • ⤷ Can the UDS-C3-R be upgraded with a 10G SFP+ module?