Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-CF-R

  • AI
    The **UDS-CF-R** typically refers to a high-performance **Ultrasonic Dental Scaler** (often the "Built-in" or "Standalone" variants by brands like Woodpecker). In electronic terms, it is a piezoelectric device that converts electrical energy into high-frequency mechanical vibrations. --- ### Core Electronic Components The device operates on the principle of **Piezoelectricity**. Here is a breakdown of the internal electronic architecture: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Power Supply Unit (PSU)** | AC/DC Conversion | Converts 24VAC or 110V/220V AC to stable DC for the PCB. | | **Piezoelectric Transducer** | Energy Conversion | Located in the handpiece; converts electrical pulses into mechanical movement (28kHz - 32kHz). | | **Main Control PCB** | Signal Processing | The "brain" that regulates frequency, power output, and water solenoid timing. | | **Potentiometer/Touch Interface** | User Input | Allows the operator to adjust the intensity of the ultrasonic vibrations. | | **Solenoid Valve** | Fluid Control | An electronic switch that opens/closes to allow cooling water to flow to the tip. | | **Automatic Frequency Tracking** | Synchronization | A feedback loop circuit that ensures the device stays at the resonant frequency despite load. | --- ### Technical Specifications (Electronic) The electronics are designed to meet medical-grade safety standards (IEC 60601-1). * **Input Voltage:** Usually 24V~ 50Hz/60Hz (for built-in units) or 220V (for standalone). * **Output Frequency:** 28kHz ± 3kHz. * **Output Power:** 3W to 20W (Adjustable). * **Fuse Protection:** Integrated T1.6AL 250V or similar. --- ### Internal Circuit Logic The system follows a specific electronic workflow: 1. **Oscillation Phase:** The PCB generates a high-frequency sine wave. 2. **Amplification:** The signal is amplified to drive the ceramic discs inside the handpiece. 3. **Feedback Loop:** As the scaler tip touches a tooth, the mechanical resistance changes. The **Automatic Frequency Tracking** circuit senses this change and adjusts the voltage to maintain consistent power. 4. **Cooling Management:** Simultaneously, the circuit triggers the water valve to prevent the piezoelectric ceramics from overheating. ---
    ✨ Follow-up Questions
    • ⤷ How does the Automatic Frequency Tracking circuit prevent the handpiece from overheating?
    • ⤷ What are the common failure points in the UDS-CF-R power supply?
    • ⤷ Can the piezoelectric transducer be repaired if the internal ceramics crack?