Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-CF-R./

  • AI
    The **UDS-CF-R** typically refers to a high-performance **Ultrasonic Dental Scaler** (specifically models compatible with Woodpecker or EMS systems) that features a built-in "CF" (Constant Frequency) and "R" (Reservoir/Root canal) capability. Below is an explanation of the core electronic components and their functions. --- ### 1. Main Control Components The electronic architecture is designed to convert standard electrical power into high-frequency mechanical vibrations. | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" of the unit. | Processes user input (power levels) and monitors feedback to stabilize vibration. | | **Automatic Frequency Tracking** | A dedicated circuit loop. | Ensures the machine always operates at the resonant frequency of the tip (usually 28kHz - 32kHz). | | **Power Potentiometer** | Variable resistor or digital encoder. | Allows the user to adjust the amplitude (strength) of the ultrasonic oscillations. | ### 2. Ultrasonic Transducer (Handpiece Electronics) The handpiece is the most critical electronic-mechanical interface. * **Piezoelectric Ceramic Discs:** Located inside the handpiece. When a high-frequency alternating current (AC) is applied, these ceramics expand and contract rapidly. * **Insulation Layer:** High-grade electronic insulation to prevent leakage current to the patient. * **Internal Wiring:** Fine-gauge copper wiring designed to withstand the heat generated by rapid vibration. ### 3. Power Management System The UDS-CF-R requires stable power to ensure the tip doesn't "stall" when touching a tooth. 1. **Switching Power Supply (SMPS):** Converts AC wall outlet voltage (110V/220V) to stable low-voltage DC for the internal logic boards. 2. **Frequency Generator:** Converts DC power into a high-frequency sine wave specifically tuned for the handpiece. 3. **EMI Filter:** An Electronic Magnetic Interference filter that prevents the scaler's high-frequency noise from interfering with other dental office equipment (like X-ray sensors). ### 4. Fluid Control Electronics Since the "R" model often implies a reservoir or irrigation system: * **Solenoid Valve:** An electronically controlled valve that opens/closes the water flow. * **Peristaltic Pump (Optional):** In models with independent water supplies, a small DC motor drives a pump to provide irrigation for cooling and debris removal. --- ### Technical Specifications Summary ```yaml Operating_Frequency: 28kHz ± 3kHz Output_Power: 3W to 20W (Adjustable) Power_Input: ~24V DC (via internal transformer) Protection_Class: Class II (Double Insulated) ```
    ✨ Follow-up Questions
    • ⤷ How does the automatic frequency tracking circuit prevent tip overheating?
    • ⤷ What are the common failure points in the UDS-CF-R piezoelectric handpiece?
    • ⤷ Can the UDS-CF-R electronics support endodontic (root canal) functions?