Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-D3-R

  • AI
    The **UDS-D3-R** is a specific electronic driver unit, most commonly associated with **Sanyo Denki’s SANMOTION R** series of AC servo systems. It is an integrated electronic component designed to control AC servo motors with high precision. Below is a breakdown of its electronic parts, functions, and technical specifications. --- ### 1. Key Electronic Components & Subsystems The UDS-D3-R is composed of several critical electronic stages that manage power conversion and signal processing: | Component Category | Description | |:---|:---| | **Power Stage (IPM)** | Uses Intelligent Power Modules (IPMs) or IGBTs to convert DC bus voltage into high-frequency PWM AC output for the motor. | | **Control Logic (DSP/FPGA)** | A high-speed Digital Signal Processor (DSP) calculates PID loops, current control, and position algorithms. | | **Feedback Interface** | Electronic circuitry designed to interface with high-resolution incremental or absolute encoders. | | **I/O Interface** | Opto-isolated inputs and outputs for PLC communication (Pulse/Dir or Analog signals). | | **Bus Capacitor Bank** | Large electrolytic capacitors that smooth the rectified DC voltage and store energy for peak loads. | --- ### 2. Technical Specifications The "D3" and "R" designations typically refer to the voltage class and frame size within the Sanyo Denki ecosystem. | Feature | Specification (Typical) | |:---|:---| | **Input Voltage** | 200V - 230V AC (Single or Three Phase) | | **Control Method** | Sinusoidal PWM current control | | **Communication** | Analog/Pulse Train or Fieldbus (depending on sub-model) | | **Safety Features** | Overcurrent, Overvoltage, Regeneration Error, Encoder Loss | | **Series Type** | RS Series (High speed, high response) | --- ### 3. Connection Interfaces (Electronic Ports) The physical unit features several electronic connection points essential for operation: 1. **CN1 (Control Signal Connector):** Pins for digital inputs (Enable, Reset, Limit Switches) and outputs (Alarm, In-position). 2. **CN2 (Encoder Connector):** Receives the electronic pulses from the motor to close the feedback loop. 3. **L1, L2, L3 (Main Power):** Electronic input terminals for AC line voltage. 4. **U, V, W (Motor Output):** High-power electronic output to the motor windings. 5. **Regenerative Resistor Terminals:** Points to connect a resistor to dissipate electronic energy during motor braking. --- ### 4. Electronic Protection Circuits To prevent component failure, the UDS-D3-R includes several protective electronic layers: * **Dynamic Brake Circuit:** An internal circuit that shorts the motor windings through a resistor to stop the motor quickly in case of power loss. * **Soft Start Circuit:** Limits the inrush current to protect the internal bridge rectifier when the unit is first powered on. * **Thermal Sensors:** Monitors the temperature of the power transistors to prevent meltdown.
    ✨ Follow-up Questions
    • ⤷ What is the specific motor compatibility list for the UDS-D3-R driver?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on this specific unit?
    • ⤷ Does this driver support EtherCAT or only Pulse/Direction control?