Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UDS-DA-R

  • AI
    The **UDS-DA-R** is typically a specialized **Ultrasonic Scaler** control module or a complete dental unit component designed for high-performance piezoelectric scaling. Its electronic architecture is centered around high-frequency power conversion and precise signal modulation. ### Core Electronic Components | Component Category | Primary Function | Technical Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | System Logic | Manages power levels, frequency tracking, and user interface inputs. | | **Piezoelectric Driver** | Power Conversion | Converts DC voltage into high-frequency AC (typically 28kHz - 32kHz). | | **Frequency Auto-Tracking** | Optimization | Ensures the output frequency matches the resonant frequency of the tip for efficiency. | | **Solenoid Valve Control** | Fluid Management | Electronically regulates water flow to cool the tip and irrigate the area. | | **Power Supply Unit (PSU)** | Regulation | Usually converts 24V AC/DC input into stable internal rails (e.g., 5V, 12V, 30V). | --- ### Key Electronic Sub-Systems #### 1. The Piezoelectric Generator The heart of the UDS-DA-R is the high-voltage oscillator circuit. Unlike electromagnetic scalers, this uses a **Piezoelectric Ceramic** stack in the handpiece. * **Electronic signal:** A sine wave pulse. * **Result:** The ceramic expands and contracts, creating linear mechanical vibrations. #### 2. Automatic Frequency Tracking This is a critical electronic feature. As the tip encounters resistance (against a tooth or tartar), its resonant frequency shifts. The UDS-DA-R electronics: * Sense the feedback current from the handpiece. * Instantly adjust the output frequency to maintain peak vibration amplitude. #### 3. Power Control (PWM) The intensity of the scaler is adjusted using **Pulse Width Modulation (PWM)** or by varying the voltage rail provided to the driver stage. This allows the user to switch between "General Scaling," "Perio," and "Endo" modes with distinct power profiles. --- ### Basic Block Diagram Concept ```mermaid graph LR A[Power Input 24V] --> B[Voltage Regulators] B --> C[Microcontroller] C --> D[H-Bridge Driver] D --> E[Piezo Handpiece] C --> F[Solenoid Valve] E -.->|Feedback Loop| C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure points in the UDS-DA-R driver board?
    • ⤷ How does the frequency auto-tracking circuit detect feedback from the handpiece?
    • ⤷ What is the recommended input voltage for the UDS-DA-R module?