Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UF-R2L

  • AI
    The **UF-R2L** typically refers to a high-performance, long-range **UHF RFID Reader Module**. These devices are integrated into handheld scanners, gate systems, or industrial tracking equipment. Below is an explanation of the core electronic components and technical specifications that make up this module. --- ### 1. Core Electronic Components | Component | Function | | :--- | :--- | | **RFID Transceiver IC** | The "brain" of the module (often based on Impinj R2000 or similar). It handles signal modulation and demodulation. | | **Power Amplifier (PA)** | Boosts the RF signal to achieve long-range reading (up to 10-15 meters depending on the antenna). | | **Low Noise Amplifier (LNA)** | Amplifies the very weak signals reflected back from the passive RFID tags. | | **MCU (Microcontroller)** | Manages the communication protocol, data processing, and interface with the host device. | | **RF Coupler/Switch** | Separates the transmitted signal from the received signal (Full Duplex management). | --- ### 2. Technical Specifications Most UF-R2L modules operate within the following electronic parameters: * **Frequency Range:** 840MHz to 960MHz (Global support including FCC and ETSI). * **Protocol Support:** EPC Global UHF Class 1 Gen 2 / ISO 18000-6C. * **Output Power:** Adjustable, typically ranging from **5dBm to 30dBm** (1 Watt). * **Communication Interfaces:** * **UART (TTL):** Standard serial communication. * **USB:** For direct PC connection. * **GPIO:** For triggering external LEDs, buzzers, or sensors. * **Voltage Requirement:** Usually **DC 3.5V - 5.0V**. --- ### 3. Connection Pinout Example While specific manufacturers vary, a standard 12-pin or 15-pin FPC connector is common: ```yaml Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: EN (Enable - High to activate) Pin 4: RXD (Data Input) Pin 5: TXD (Data Output) Pin 6: GPIO (General Purpose I/O) ``` --- ### 4. RF Performance Features 1. **Anti-Collision Algorithm:** The electronic firmware allows the module to read over 200 tags per second simultaneously. 2. **Heat Dissipation:** Due to the 30dBm output, the module usually features a large **Aluminium Heat Sink** to prevent thermal throttling. 3. **Sensitivity:** High sensitivity (approx. -80dBm) allows for reading tags even in electronically "noisy" environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum read distance for the UF-R2L module?
    • ⤷ How do I interface the UF-R2L with an Arduino or Raspberry Pi?
    • ⤷ Does the UF-R2L support the ISO 18000-6B protocol?