Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UG3JB

  • AI
    The **UG3JB** is a high-efficiency, surface-mount **Ultra Fast Rectifier Diode**. It is commonly used in power electronics for high-frequency rectification and freewheeling applications. --- ### 1. General Specifications The UG3JB is designed for applications where switching speed and power efficiency are critical. Below are its primary electrical characteristics: | Parameter | Value | | :--- | :--- | | **Component Type** | Ultra Fast Recovery Rectifier | | **Package Type** | DO-214AA (SMB) | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 600 V | | **Average Forward Current ($I_{F(AV)}$)** | 3.0 A | | **Peak Forward Surge Current ($I_{FSM}$)** | 100 A | | **Reverse Recovery Time ($t_{rr}$)** | < 25 ns | | **Forward Voltage Drop ($V_F$)** | ~1.5 V (at 3A) | --- ### 2. Key Features * **Ultra-Fast Switching:** The recovery time ($t_{rr}$) is extremely low (typically 20-25 nanoseconds), which reduces switching losses. * **High Voltage Capability:** Rated for up to 600V, making it suitable for mains-connected power supplies. * **Glass Passivated Junction:** Enhances reliability and stability under high-temperature conditions. * **Surface Mount Design:** The SMB (DO-214AA) package is ideal for automated pick-and-place assembly. --- ### 3. Pinout and Internal Structure The UG3JB is a two-terminal polarized device: 1. **Anode:** The positive terminal. 2. **Cathode:** The negative terminal, identified by a **band** or line on the component body. --- ### 4. Common Applications Due to its high speed and current rating, the UG3JB is frequently found in: * **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-to-DC Converters:** Acts as a freewheeling diode to protect transistors. * **Inverters:** High-frequency inversion for motors or solar systems. * **PFC (Power Factor Correction):** Used in boost circuits to improve energy efficiency. --- ### 5. Identification (Marking Code) On the physical component, you will usually see the marking **"UG3JB"** or a shortened manufacturer-specific code (e.g., **3JB**). The cathode side will always be marked with a distinct stripe.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the UG3JB and a standard 1N4007 diode?
    • ⤷ How does the reverse recovery time (trr) affect the efficiency of a power supply?
    • ⤷ Can the UG3JB be replaced by a Schottky diode in 600V applications?