Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UG3KL-AL6-R

  • AI
    The **UG3KL-AL6-R** is a specific part number typically associated with high-performance **Linear Voltage Regulators** (LDOs) or specialized power management ICs, often manufactured by UTC (Unisonic Technologies). Below is a breakdown of its technical specifications, pin configuration, and typical applications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Low Dropout Linear Regulator (LDO) | | **Output Voltage** | Usually fixed (the "3" often denotes 3.0V or 3.3V depending on series) | | **Package Type** | SOT-223 or TO-263 (Check specific datasheet suffix) | | **Max Output Current** | Generally 1A to 3A | | **Dropout Voltage** | Low (typically < 1.2V at full load) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Features * **Built-in Protection:** Includes internal thermal overload protection and current limiting to prevent device failure during fault conditions. * **Stability:** Designed to be stable with low-ESR ceramic output capacitors. * **High Efficiency:** Optimized for low quiescent current, making it suitable for battery-powered or heat-sensitive applications. * **AL6-R Suffix Meaning:** * **AL6:** Usually refers to the specific package molding or lead-frame type. * **R:** Indicates "Tape & Reel" packaging for automated SMT assembly. --- ### 3. Pin Configuration (Typical SOT-223) Most regulators in this family follow a standard 3-pin or 4-pin (with tab) layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **GND/ADJ** | Ground for fixed versions; Feedback for adjustable versions. | | 2 / TAB | **Vout** | Regulated output voltage. | | 3 | **Vin** | Unregulated input voltage. | --- ### 4. Circuit Implementation To ensure stable operation, the following basic circuit is recommended: ```mermaid graph LR A[Input Voltage] --> B(Cin: 10uF) B --> C[UG3KL-AL6-R] C --> D(Cout: 22uF) D --> E[Regulated Output] ``` * **Input Capacitor ($C_{in}$):** A 10µF tantalum or ceramic capacitor is recommended to filter input noise. * **Output Capacitor ($C_{out}$):** Essential for stability; usually requires at least 10µF to 22µF. --- ### 5. Common Applications * **Post-regulators** for switching power supplies to reduce ripple. * **Battery Chargers** and handheld electronics. * **Microcontroller Power:** Providing clean 3.3V power to MCUs and FPGAs. * **Telecommunications:** Base station power modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the UG3KL series?
    • ⤷ Can this part be used as an adjustable regulator or is it fixed only?
    • ⤷ What are the thermal dissipation limits for the AL6 package?