Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UGF15GT

  • AI
    The **UGF15GT** is a high-performance electronic component belonging to the power semiconductor category. Specifically, it is an **Ultra-Fast Recovery Rectifier Diode**. Below is a detailed breakdown of its specifications, features, and applications. --- ### 1. Key Technical Specifications The "UGF" series is known for its efficiency in high-frequency switching. Here are the typical parameters for the 15GT variant: | Parameter | Value | | :--- | :--- | | **Component Type** | Ultra-Fast Recovery Diode | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 400V | | **Average Forward Rectified Current ($I_{F(AV)}$)** | 15A | | **Reverse Recovery Time ($t_{rr}$)** | < 35ns to 50ns | | **Forward Voltage Drop ($V_F$)** | ~1.05V to 1.25V (at rated current) | | **Package Type** | TO-220FP (Fully Plastic / Isolated) | --- ### 2. Physical Structure and Pinout The UGF15GT is usually housed in a **TO-220 Full Pack (TO-220FP)**. This package is advantageous because the metal tab is encased in plastic, providing electrical isolation from the heatsink without needing extra mica washers. * **Anode:** The input terminal. * **Cathode:** The output terminal (marked by a stripe on the body or identified via the package diagram). --- ### 3. Core Features * **Ultra-Fast Switching:** The extremely low $t_{rr}$ (Reverse Recovery Time) minimizes switching losses, making it ideal for high-speed circuits. * **Low Forward Voltage Drop:** This reduces power dissipation during conduction, increasing overall energy efficiency. * **High Surge Capacity:** It can handle temporary spikes in current without failing. * **Glass Passivated Chip Junction:** Ensures high reliability and stability over time and temperature variations. --- ### 4. Common Applications Due to its speed and current rating, the UGF15GT is commonly found in: 1. **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **Freewheeling Diodes:** Protects switching transistors (like MOSFETs or IGBTs) from inductive spikes in motor drives. 3. **Inverters:** Used in DC-to-AC conversion for solar or UPS systems. 4. **Power Factor Correction (PFC):** Helps improve the efficiency of AC/DC power converters. --- ### 5. Equivalent/Alternative Components If the UGF15GT is unavailable, engineers often look for diodes with similar voltage/current ratings and recovery speeds: * **MUR1540:** (Motorola/OnSemi standard ultra-fast) * **STTH15R04:** (STMicroelectronics equivalent) * **BYW29-400:** (Common alternative)
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard recovery and an ultra-fast recovery diode?
    • ⤷ How does the TO-220FP package improve thermal management compared to a standard TO-220?
    • ⤷ What happens if the reverse recovery time (trr) is too slow for a high-frequency circuit?