Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UM605BL-AF5-R

  • AI
    The **UM605BL-AF5-R** is a specialized electronic component primarily categorized as an **Integrated Circuit (IC)**, specifically a high-precision, low-voltage, or analog controller often used in power management or signal conditioning. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Part Number** | UM605BL-AF5-R | | **Manufacturer** | UTC (Unisonic Technologies) | | **Package Type** | SOT-25 (AF5) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Lead-Free / RoHS Compliant | | **Packing Type** | Tape & Reel (R) | ### 2. Technical Characteristics The UM605 series is typically known for its role in **Voltage Reference and Control**. While specific datasheets may vary based on revisions, the core attributes usually include: * **Low Operating Current:** Designed for power efficiency in battery-operated devices. * **High Precision:** Provides a stable output or reference voltage with low thermal drift. * **Compact Footprint:** The SOT-25 package is extremely small, making it ideal for space-constrained PCB designs like mobile phones or portable chargers. ### 3. Pin Configuration (Typical SOT-25) *Note: Always verify with the specific manufacturer datasheet for the exact pinout.* | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUT | Output signal or regulated voltage | | 2 | GND | Common ground | | 3 | FB / ADJ | Feedback or Adjustment pin | | 4 | EN / VCC | Enable pin or Supply voltage input | | 5 | NC / VCC | No Connection or Supply Input | ### 4. Applications The UM605BL-AF5-R is frequently found in the following circuits: 1. **Switching Power Supplies:** Used as a secondary-side controller to manage voltage regulation. 2. **Battery Chargers:** Acting as a precision reference to prevent overcharging. 3. **LDO Regulators:** Providing stable power to microcontrollers and sensors. 4. **AC-DC Adapters:** Used in the feedback loop for isolated power conversion. --- ### 5. Decoding the Part Number Understanding the suffixes helps in identifying the exact variant: * **UM605:** The base series identifier. * **BL:** Refers to specific voltage accuracy or low-power classification. * **AF5:** Indicates the **SOT-25** package type. * **R:** Indicates **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UM605BL-AF5-R?
    • ⤷ Can you provide the exact input voltage range for this IC?
    • ⤷ How does the 'BL' version differ from the standard UM605 version?