Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UM608G-R10-R

  • AI
    The **UM608G-R10-R** is a specific electronic component typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a **Power Management Integrated Circuit (PMIC)**. It is often manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Part Number** | UM608G-R10-R | | **Component Type** | LDO Linear Voltage Regulator | | **Package Type** | SOT-89 or SOT-223 (Depending on specific series suffix) | | **Output Voltage** | Fixed (Often 1.0V or 1.2V depending on the internal "R10" coding) | | **Output Current** | Typically 600mA to 1A range | | **Material Code** | "G" usually denotes Halogen-free and RoHS compliant | ### 2. Pin Configuration (Typical for SOT-89) Standard LDOs in this family generally follow this pinout structure: 1. **GND (Ground):** The common reference point for the circuit. 2. **V_IN (Input):** The unregulated input voltage source. 3. **V_OUT (Output):** The regulated low-noise output voltage. ### 3. Key Electronic Characteristics * **Low Dropout Voltage:** It is designed to maintain a stable output voltage even when the input voltage is only slightly higher than the output. * **Thermal Shutdown:** Built-in protection to prevent the device from failing due to overheating. * **Current Limiting:** Protects the IC during short-circuit conditions or excessive load. * **High Ripple Rejection:** Ensures that noise from the input power supply (PSRR) is filtered out, providing a clean DC signal for sensitive components like MCUs or RF modules. ### 4. Application Areas These parts are commonly found in: * **Battery Powered Equipment:** Due to their low quiescent current. * **Communication Hardware:** Providing stable power to WiFi or Bluetooth modules. * **Consumer Electronics:** Used in tablets, digital cameras, and set-top boxes. --- ### 5. Part Number Breakdown While manufacturer conventions vary slightly, the code usually breaks down as follows: ```text UM608 G - R10 - R | | | | | | | +-- Packing (R = Tape & Reel) | | +------- Voltage/Internal Code (1.0V/Adjustable) | +------------ Halogen Free / Green Package +---------------- Series Name ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the UM608 series?
    • ⤷ How do I calculate the heat dissipation requirements for this SOT package?
    • ⤷ What are the recommended capacitor values for the input and output pins?