Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UNIFOX-RVT-P-6

  • AI
    The **UNIFOX-RVT-P-6** is a professional-grade manual riveting tool manufactured by **Phoenix Contact**. While it is primarily a mechanical tool, it is specifically designed for the assembly of electronic enclosures, control cabinets, and PCB mounting racks. --- ### Technical Specifications and Components The tool is categorized under the "Tools" line for electronic assembly. Below are the primary components and characteristics: | Component | Description | | :--- | :--- | | **Material** | High-grade tool steel with plastic-coated ergonomic handles. | | **Compatibility** | Optimized for plastic rivets (expanding rivets). | | **Rivet Diameter** | Specifically designed for **6 mm** diameter rivets. | | **Mechanism** | One-handed pull-trigger mechanism with an integrated return spring. | | **Length** | Approximately 215 mm. | --- ### Key Features for Electronic Assembly 1. **Non-Conductive Fastening Support**: The tool is optimized for **plastic expanding rivets** (such as the Phoenix Contact *RVT-PA* series). Using plastic rivets in electronic parts prevents short circuits and reduces electromagnetic interference (EMI) compared to metal fasteners. 2. **Ergonomic ESD Consideration**: While the tool itself is steel, the handles are designed to provide a secure grip, reducing hand fatigue during high-volume assembly of electronic housings. 3. **Flush Cutting**: The mechanism ensures that the mandrel of the plastic rivet is pulled and set flush, preventing sharp edges that could damage internal wiring or ribbon cables. --- ### Usage in Electronics Industry The UNIFOX-RVT-P-6 is typically used in the following electronic applications: * **PCB Mounting**: Fastening PCB guides into 19-inch rack systems. * **Cabinet Construction**: Securing plastic cable ducts to the back panels of control cabinets. * **Component Housing**: Joining two halves of a plastic electronic enclosure where screw-less assembly is required. --- ### Comparison with Standard Riveters | Feature | UNIFOX-RVT-P-6 | Standard Pop-Riveter | | :--- | :--- | :--- | | **Primary Material** | Plastic Rivets | Aluminum/Steel Rivets | | **Target Application** | Sensitive Electronics/Ducts | Heavy Construction/Metalwork | | **Force Profile** | Low-to-Medium (Precision) | High (Structural) |
    ✨ Follow-up Questions
    • ⤷ What are the specific part numbers for the 6mm plastic rivets compatible with this tool?
    • ⤷ Can this tool be used for metal pop rivets
    • ⤷ or is it strictly for plastic?
    • ⤷ Are there ESD-safe versions of the UNIFOX series for sensitive semiconductor environments?