Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UP1496G-AE3-R

  • AI
    ## Technical Overview of UP1496G-AE3-R The **UP1496G-AE3-R** is a high-performance synchronous buck (step-down) controller manufactured by **uPI Semiconductor Corp**. It is primarily designed to drive high-side and low-side N-channel MOSFETs in DC-DC conversion applications. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Function** | Synchronous Buck Controller | | **Input Voltage Range** | 4.5V to 26V | | **Output Voltage Range** | Adjustable (0.8V to 5V typical) | | **Switching Frequency** | Constant On-Time (COT) Control | | **Package Type** | SOT-23-6 (indicated by the "AE3" suffix) | | **Number of Pins** | 6 Pins | | **Status** | Lead-Free / RoHS Compliant | --- ### 2. Functional Features * **Constant On-Time (COT) Control:** Provides fast transient response to load changes and maintains a relatively constant switching frequency. * **High Efficiency:** By utilizing synchronous rectification (driving two MOSFETs), it reduces power loss compared to traditional diode-based buck converters. * **Protection Circuitry:** * **OCP (Over Current Protection):** Monitors the RDS(ON) of the low-side MOSFET to detect over-current. * **OVP/UVP:** Over-voltage and Under-voltage protection for circuit safety. * **Thermal Shutdown:** Protects the IC from overheating. * **Soft-Start:** Integrated internal soft-start to prevent inrush current during power-up. --- ### 3. Pin Configuration (SOT-23-6) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Signal and Power Ground. | | 2 | **FB** | Feedback Input. Connects to a resistor divider to set output voltage. | | 3 | **EN / VCC** | Enable/Power Supply input. | | 4 | **UGATE** | High-side Gate Driver output. | | 5 | **PHASE** | Return path for High-side driver / Inductor connection. | | 6 | **LGATE** | Low-side Gate Driver output. | *(Note: Exact pinout may vary slightly depending on the specific sub-version; always refer to the manufacturer's datasheet for layout).* --- ### 4. Typical Applications The UP1496G is commonly found in power management stages for: * **Laptops and Notebooks:** Generating 3.3V or 5V system rails. * **Graphic Cards (GPUs):** Handling auxiliary power rails. * **Networking Equipment:** Routers and switches requiring high-efficiency conversion. * **Motherboards:** VCCIO or other low-voltage high-current rails. --- ### 5. Part Number Decoding * **UP1496**: Base model number. * **G**: Green/Halogen-Free product. * **AE3**: Package code (SOT-23-6). * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative ICs for the UP1496G?
    • ⤷ Can you provide a basic schematic for a 5V output using this controller?
    • ⤷ How does Constant On-Time (COT) control compare to PWM control in this IC?