Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UPD6600AGS

  • AI
    ## Technical Overview of the UPD6600AGS The **UPD6600AGS** (often stylized as $\mu$PD6600AGS) is a specialized integrated circuit developed by NEC (now Renesas Electronics). It is primarily categorized as a **Timing Signal Generator** or a **CCD (Charge-Coupled Device) Driver IC**, commonly used in digital imaging systems like camcorders, digital cameras, and scanners. --- ### 1. Key Technical Specifications The device is designed to interface between the system controller and the CCD image sensor to manage the precise timing required for image capture. | Parameter | Description | | :--- | :--- | | **Device Category** | CMOS Timing Signal Generator / CCD Driver | | **Package Type** | SSOP (Shrink Small Outline Package) | | **Power Supply Voltage** | Typically 3.0V to 5.5V | | **Operating Frequency** | Optimized for standard NTSC/PAL video clock rates | | **I/O Logic** | CMOS compatible | --- ### 2. Functional Components The internal architecture of the UPD6600AGS consists of several critical stages: 1. **Clock Generator:** Generates high-frequency pulses from an external crystal oscillator. 2. **Vertical/Horizontal Synchronizing Circuit:** Produces the $H$-sync and $V$-sync signals necessary for defining frame and line rates. 3. **Electronic Shutter Control:** Manages the integration time of the CCD pixels to control exposure. 4. **Pulse Shaper:** Ensures that the output waveforms have the steep edges required to shift charges through the CCD substrate without signal loss. --- ### 3. Application Context In a typical imaging circuit, the UPD6600AGS acts as the "heartbeat" of the system: * **Input:** It receives master clock signals and configuration commands from the Microcontroller (MCU). * **Output:** It sends multi-phase clock signals (e.g., $\phi V1, \phi V2, \phi H1, \phi H2$) to the CCD sensor. * **Coordination:** It ensures that the Correlated Double Sampling (CDS) and Analog-to-Digital Converter (ADC) are synchronized with the pixel readout. --- ### 4. Common Pin Functions While specific pinouts depend on the exact sub-version, the general layout includes: * **VDD / VSS:** Power supply and ground pins. * **CLKIN:** Master clock input. * **XV / XH:** Vertical and Horizontal timing pulse outputs. * **SUB:** Substrate clock output for electronic shuttering. * **RG:** Reset Gate pulse for the CCD output amplifier. --- ### 5. Equivalent and Replacement Parts The UPD6600AGS is a legacy component. In modern designs, these functions are often integrated directly into the **Image Signal Processor (ISP)** or a highly integrated **Front-End (AFE)**. * **Direct Substitutes:** Check for other suffixes in the $\mu$PD6600 series (e.g., UPD6600GS). * **Cross-Reference Brands:** Sony (CXD series) and Panasonic (MN series) produced similar CCD timing generators during the same era.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the UPD6600AGS and the standard UPD6600?
    • ⤷ Can this IC be used with modern CMOS image sensors
    • ⤷ or is it strictly for CCDs?
    • ⤷ What are the typical failure symptoms of this timing generator in digital cameras?