Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UPSL100-AF5-R

  • AI
    ## Electronic Components and Technical Profile: UPSL100-AF5-R The **UPSL100-AF5-R** typically refers to a high-performance **Low Dropout Regulator (LDO)** or a specific **Power Management Integrated Circuit (PMIC)**, often associated with UTC (Unisonic Technologies). Below is a breakdown of its electronic characteristics, internal architecture, and physical specifications. --- ### 1. Key Technical Specifications The device is designed for stability and efficiency in voltage regulation. | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed or Adjustable (Model dependent) | | **Max Output Current** | 100 mA | | **Input Voltage Range** | Up to 12V - 15V (Typical) | | **Dropout Voltage** | Low (typically < 0.5V at full load) | | **Package Type** | SOT-25 / SOT-23-5 (AF5 Suffix) | | **RoHS Status** | Halogen-Free / Lead-Free (R Suffix) | --- ### 2. Internal Electronic Parts (Architecture) Inside the silicon die, the UPSL100-AF5-R consists of several functional blocks that work together to maintain a steady output: * **Error Amplifier:** Compares a portion of the output voltage with an internal reference voltage to adjust the pass transistor. * **Voltage Reference:** A precise, temperature-compensated Bandgap reference circuit. * **Pass Transistor:** Typically a **P-channel MOSFET** or PNP transistor that regulates the flow of current from input to output. * **Thermal Shutdown Circuit:** Protects the IC by shutting it down if the junction temperature exceeds safety limits (usually around 150°C). * **Current Limit Protection:** Prevents damage by limiting the output current during short-circuit or overload conditions. --- ### 3. Pin Configuration (SOT-25/AF5) The "AF5" suffix denotes the package type, which usually follows this standard pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **EN / CE** | Enable / Chip Enable (High = On, Low = Off) | | 4 | **NC / BYP** | No connection or Bypass Capacitor for noise reduction | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Implementation Essentials To ensure the electronic stability of the part, the following external components are required: 1. **Input Capacitor ($C_{IN}$):** A $1\mu F$ ceramic capacitor is usually placed close to the VIN pin to filter supply noise. 2. **Output Capacitor ($C_{OUT}$):** A $1\mu F$ to $10\mu F$ capacitor is required for stability. LDOs like this often require low ESR (Equivalent Series Resistance) capacitors. 3. **Enable Signal:** If the EN pin is left floating, the device may not turn on. It should be tied to $V_{IN}$ for continuous operation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the UPSL100-AF5-R?
    • ⤷ Can you provide a comparison between the SOT-25 and SOT-89 packaging for this part?
    • ⤷ What is the typical quiescent current consumption for this regulator?