Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • US1DG-SMA-R

  • AI
    The **US1DG-SMA-R** is a high-efficiency, surface-mount Ultra Fast Recovery Rectifier diode. It is commonly used in power management, switching power supplies, and protection circuits where high-speed operation is critical. --- ## 1. Technical Specifications The following table highlights the core electrical and physical parameters of the component: | Parameter | Specification | | :--- | :--- | | **Part Number** | US1DG-SMA-R | | **Component Type** | Ultra Fast Recovery Rectifier | | **Package / Case** | DO-214AC (SMA) | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 400 V | | **Average Forward Current ($I_{F(AV)}$)** | 1.0 A | | **Forward Voltage Drop ($V_F$)** | ~1.3 V @ 1.0 A | | **Reverse Recovery Time ($t_{rr}$)** | 50 ns (Nanoseconds) | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Key Features - **Ultra-Fast Switching:** With a recovery time of 50ns, it minimizes power loss during the transition from conducting to non-conducting states. - **Glass Passivated Junction:** Enhances reliability and stability under high-temperature conditions. - **Low Profile Package:** The SMA (DO-214AC) package is ideal for automated surface mount assembly in space-constrained PCB designs. - **High Surge Capability:** Designed to handle momentary high-current spikes without failure. --- ## 3. Pinout and Internal Logic The US1DG is a discrete two-terminal device: 1. **Cathode (K):** Marked with a polarity band on the package body. Connects to the more negative potential in a rectifying circuit. 2. **Anode (A):** The opposite terminal where current enters the device. ```mermaid graph LR Anode -->|Current Flow| Cathode_Band ``` --- ## 4. Typical Applications * **DC-DC Converters:** Used as a freewheeling diode to handle inductive loads. * **AC-DC Adapters:** Acts as part of the rectification stage in compact power bricks. * **Inverters:** High-speed switching for solar or battery-operated power systems. * **Reverse Polarity Protection:** Protects sensitive electronics from incorrectly connected power sources.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard rectifier and an ultra-fast rectifier like the US1DG?
    • ⤷ How does the SMA package compare to the SMB or SMC packages in terms of power handling?
    • ⤷ Can this diode be used in automotive applications?