US203BLG-AF5-R
AI

## US203BLG-AF5-R: Technical Overview
The **US203BLG-AF5-R** is a high-precision, low-dropout (LDO) linear voltage regulator typically manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed for applications requiring stable voltage output with minimal power loss.
---
### 1. Part Number Breakdown
Understanding the suffix helps identify the specific physical and electrical characteristics:
| Code Segment | Meaning | Details |
| :--- | :--- | :--- |
| **US203** | Series Name | Low Dropout Linear Regulator series |
| **B** | Version | Specific internal circuitry or voltage accuracy |
| **LG** | Lead-Free/Halogen-Free | Green packaging compliance |
| **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) |
| **R** | Packing | Tape & Reel |
---
### 2. Key Specifications
The electronic components within this IC are optimized for portable devices.
* **Output Voltage:** Fixed output (Typically 3.0V or 3.3V depending on the specific internal laser trimming, though "B" often denotes a specific voltage class).
* **Maximum Output Current:** Usually rated up to **300mA**.
* **Dropout Voltage:** Extremely low, typically around **200mV to 300mV** at full load.
* **Quiescent Current:** Very low (around 60-90µA), extending battery life in standby modes.
* **Input Voltage Range:** Up to 6V.
---
### 3. Pin Configuration (SOT-25)
The device features five pins, each serving a critical role in the regulation circuit:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **EN / CE** | Chip Enable (High = On, Low = Shutdown) |
| 4 | **NC / BYP** | No connection or Bypass capacitor for noise reduction |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Critical Internal Components
As an integrated circuit, the US203BLG contains several key sub-circuits:
1. **Reference Voltage Source:** A bandgap reference that stays stable across temperature changes.
2. **Error Amplifier:** Compares the output voltage to the reference and adjusts the pass transistor.
3. **Pass Transistor:** A P-channel MOSFET that controls the current flow from IN to OUT.
4. **Protection Circuitry:** Includes **Thermal Shutdown** (turns off if too hot) and **Current Limiting** (prevents damage during a short circuit).
---
### 5. Application Circuit Example
To use this part effectively, external capacitors are required for stability:
```text
Input (VIN) ----[ C1: 1uF ]----( Pin 1 )
( Pin 5 )----[ C2: 1uF ]---- Output (VOUT)
Enable Signal -----------------( Pin 3 )
Ground ------------------------( Pin 2 )
```
---
- ⤷What is the exact fixed output voltage for the 'B' variant of this IC?
- ⤷ Can this LDO be used with ceramic capacitors?
- ⤷ What are the thermal protection limits for the US203 series?