Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • US203BLL-AF5-R

  • AI
    ## US203BLL-AF5-R Electronic Component Overview The **US203BLL-AF5-R** is a specific integrated circuit manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is a high-performance, low-dropout (LDO) linear regulator designed primarily for portable and battery-powered applications where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Regulator | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | Up to 6.0V | | **Max Output Current** | 300mA | | **Dropout Voltage** | Low (typically ~150-200mV at 100mA) | | **Package Type** | SOT-25 / SOT-23-5 | | **Quiescent Current** | Very Low (~50µA) | | **Suffix "R"** | Indicates Tape & Reel packaging | --- ### 2. Pin Configuration (SOT-25) The device typically follows a standard 5-pin layout: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground Reference. 3. **CE (Chip Enable)**: High level enables the IC; Low level puts it in standby. 4. **NC/BP**: No connection or Bypass (used for noise reduction with a capacitor). 5. **VOUT**: Regulated Output Voltage. --- ### 3. Core Features and Functionality * **Low Quiescent Current:** It consumes very little power during operation, extending battery life in mobile devices. * **High PSRR:** It offers high Power Supply Rejection Ratio, effectively filtering out noise from the input supply to provide a clean DC output. * **Built-in Protections:** * **Over Current Protection:** Limits output current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe limits. * **Stability:** Designed to be stable even with low-ESR ceramic capacitors, reducing the overall PCB footprint. --- ### 4. Typical Application Circuit ```mermaid graph LR Input[Vin] --> IC[US203BLL] IC --> Output[Vout 3.3V] IC --- GND[Ground] EN[Enable Pin] --> IC ``` To use this part effectively, a **1µF ceramic capacitor** is typically required at both the input (VIN) and output (VOUT) pins to ensure stability and transient response. --- ### 5. Application Areas * Mobile phones and Handheld GPS units. * Digital cameras and Video recorders. * Battery-powered medical equipment. * Laptop and notebook peripheral power.
    ✨ Follow-up Questions
    • ⤷ What is the exact dropout voltage of the US203BLL-AF5-R at full 300mA load?
    • ⤷ Can the Enable (CE) pin be tied directly to VIN for always-on operation?
    • ⤷ How does this UTC model compare to the XC6206 or TLV700 series LDOs?