Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • US203CLL-S08-R

  • AI
    The **US203CLL-S08-R** is a specific integrated circuit (IC) part number typically associated with **Unisonic Technologies (UTC)**. It is a dual-channel low-dropout (LDO) linear regulator designed for power management in portable and battery-powered devices. --- ### ## Technical Specifications The following table outlines the key technical parameters for the US203CLL-S08-R: | Parameter | Description | | :--- | :--- | | **Component Type** | CMOS Dual LDO Linear Regulator | | **Output Voltage** | Fixed (Often 1.2V/1.8V or 2.8V/3.3V depending on suffix) | | **Input Voltage Range** | 2.5V to 6.0V | | **Output Current** | 300mA per channel | | **Quiescent Current** | ~50µA (Low power consumption) | | **Dropout Voltage** | ~200mV at 100mA load | | **Package Type** | SOP-8 (Small Outline Package) | | **Mounting Type** | Surface Mount (SMD) | --- ### ## Internal Block Features This IC integrates several protection and functional features to ensure stability and safety in electronic circuits: 1. **Dual Independent Outputs:** It provides two separate voltage outputs from a single input, saving PCB space. 2. **Enable Pins (EN):** Each regulator usually features an independent enable pin for power sequencing. 3. **Current Limiting:** Protects the IC and the load from overcurrent or short-circuit conditions. 4. **Thermal Shutdown:** Automatically powers down the chip if the internal temperature exceeds safe operating limits. 5. **Low Noise:** Designed to minimize output ripple, making it suitable for RF and analog sensor applications. --- ### ## Part Number Breakdown The naming convention follows the UTC standard: * **US203:** Series identifier for the dual 300mA LDO. * **CLL:** Voltage code (Specifics vary by datasheet, but usually denote fixed output combinations). * **S08:** Indicates the **SOP-8** package. * **R:** Denotes **Tape and Reel** packaging for automated assembly. --- ### ## Typical Application Circuit In a standard circuit, the device requires minimal external components, primarily ceramic capacitors for stability. ```cpp // Schematic representation of pin connections Pin 1 (VIN): Input Power (Connect to 5V) Pin 2 (EN1): Enable Channel 1 (Logic High) Pin 3 (VOUT1): Output 1 (e.g., 1.8V to MCU) Pin 4 (GND): System Ground Pin 5 (GND): System Ground Pin 6 (VOUT2): Output 2 (e.g., 3.3V to Sensors) Pin 7 (EN2): Enable Channel 2 (Logic High) Pin 8 (VIN): Input Power (Redundant Input) ```
    ✨ Follow-up Questions
    • ⤷What are the specific output voltage values for the CLL suffix?
    • ⤷ What is the maximum operating temperature for this IC?
    • ⤷ Can you provide a list of equivalent cross-reference parts?