Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • US3JB

  • AI
    The **US3JB** is a Surface Mount (SMD) Ultra-Fast Recovery Rectifier diode. It is widely used in power management and signal processing due to its ability to handle high currents and switch states extremely quickly. --- ### 1. Key Technical Specifications The electrical characteristics define how the component performs under stress and normal operating conditions. | Parameter | Value | |:---|:---| | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 V | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 A | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 35 ns (Nanoseconds) | | **Maximum Forward Voltage Drop ($V_F$)** | 1.7 V | | **Operating Junction Temperature Range** | -55 to +150 °C | | **Package Type** | SMB (DO-214AA) | --- ### 2. Functional Characteristics * **Ultra-Fast Switching:** With a recovery time of only 35ns, it minimizes power loss during the transition from a conducting to a non-conducting state. * **High Current Capability:** It can handle a continuous forward current of 3 Amps, which is significant for its small SMB footprint. * **Glass Passivated Chip Junction:** This construction ensures high reliability and stability over the component's lifespan. * **Low Profile:** Designed specifically for automated surface mount assembly. --- ### 3. Common Applications The US3JB is typically found in high-frequency circuits where efficiency is critical. 1. **Switching Power Supplies (SMPS):** Used as an output rectifier to convert AC high-frequency signals to DC. 2. **Inverters:** Essential in DC-to-AC conversion circuits for motor drives or solar systems. 3. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (like relays or motors). 4. **DC/DC Converters:** Acts as a steering diode to maintain high efficiency in voltage regulation. --- ### 4. Naming Convention Breakdown * **US:** Stands for **U**ltra-**S**peed (or Ultra-Fast). * **3:** Indicates the average forward current rating (**3 Amps**). * **J:** Represents the voltage rating code (**600V**). * **B:** Usually refers to the package type (**SMB**). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the US3JB and a standard 1N4007 diode?
    • ⤷ Can the US3JB be used in high-temperature industrial environments?
    • ⤷ How does the reverse recovery time impact the efficiency of a power supply?