Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • USA575G-R20-R

  • AI
    The **USA575G-R20-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like **Nidec Avtron Automation**. These devices are used in industrial automation to sense the speed, direction, and position of a rotating shaft. --- ### Technical Specifications Breakdowns | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | USA575 | Heavy-duty industrial encoder series. | | **Resolution** | 20 PPR | Provides 20 Pulses Per Revolution. | | **Output Type** | Incremental | Outputs A, B, and Z (Index) signals. | | **Connector** | R | Typically refers to a specific radial connector or wiring configuration. | | **Housing** | Industrial Grade | Designed for harsh environments (dust/moisture resistance). | --- ### Key Electronic Components #### 1. The Sensing Element (Optical or Magnetic) * **LED Emitter:** A light source that shines through a coded disc. * **Photodetector Array:** Receives the light pulses and converts them into electrical currents. * **Coded Disc:** A rotating internal disc with 20 slots (for the 20 PPR rating) that interrupts the light beam. #### 2. Signal Processing Circuitry * **Schmitt Trigger:** Squares the raw analog signals from the photodetectors into clean square-wave digital pulses. * **Differential Drivers:** Often used to transmit signals over long distances without interference (RS-422/Line Driver). #### 3. Power and Output Electronics * **Voltage Range:** Usually operates between 5V DC to 24V DC. * **Quadrature Output:** Produces two channels (A and B) offset by 90 degrees. This allows the controller to determine the **direction** of rotation. * **Index Channel (Z):** Provides a single pulse once per full revolution for "homing" or reference. --- ### Wiring and Pinout Typical Configuration While specific pinouts depend on the connector type (R), most Avtron/Industrial encoders follow this logic: | Wire/Pin | Function | Purpose | | :--- | :--- | :--- | | **Vcc / +V** | Power Supply | Input voltage (e.g., +15V) | | **Common / 0V** | Ground | Reference ground | | **Channel A** | Data A | Primary pulse train | | **Channel B** | Data B | Quadrature pulse (direction) | | **Channel Z** | Marker | Zero position / Index | | **Case** | Shield | EMI/RFI protection | --- ### Applications The **USA575G-R20-R** is commonly found in: 1. **Motor Feedback:** Monitoring the RPM of large industrial motors. 2. **Conveyor Systems:** Measuring the linear distance of products. 3. **Heavy Machinery:** Used in steel mills, paper mills, or oil rigs due to its rugged build.
    ✨ Follow-up Questions
    • ⤷ What is the difference between incremental and absolute encoders?
    • ⤷ How do I troubleshoot a 'no signal' error on this encoder?
    • ⤷ Can the PPR (Pulses Per Revolution) be changed through software?